Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36550603DR10T Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 36550603DR10T
Description  AUTOMOTIVE GRADE MULTILAYER CHIP INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

36550603DR10T Datasheet(HTML) 5 Page - TE Connectivity Ltd

  36550603DR10T Datasheet HTML 1Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 2Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 3Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 4Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 5Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 6Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
INDUSTRIAL / Automotive Grade Multilayer Chip Inductor Type 3655 Series
Automotive Grade Multilayer Chip Inductor
Type 3655 Series
Item
Requirement
Test Condition
Terminal strength (SMD)
No visible damage.
Inductance: ΔL/L within ±10%
Q: ΔQ/Q within ±20%
The testing samples shall be mounted on the testing boards.
Apply a force of 0402 5N / 0603 10N to the side of the device
being tested.
Duration: 60s ±1s.
ESD
No visible damage.
Inductance: ΔL/L within ±10%
Q: ΔQ/Q within ±20%
Direct contact discharge. Discharge voltage: 8000V.
Positive and negative polarity tests once respectively.
ELECTRICAL CHARACTERISTICS
Note:
•
Storage temperature: -10⁰C~40⁰C; Humidity: 30%-70% RH.
CONSTRUCTION
a
Ni/Sn Plating
d
Body
b
Ag Layer
e
Terminal Electrode
c
Inner Electrode
f
Ceramic



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com