Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C96KCW Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM53C96KCW
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C96KCW Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM53C96KCW Datasheet HTML 17Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 18Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 19Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 20Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 21Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 22Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 23Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 24Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
P R E L I M I N A R Y
AMD
21
Am53C94/Am53C96
Interrupt Status Register (05H) Read
SRST
ICMD
DIS
SR
SO
00000
Interrupt Status Register
INSTREG
Address: 05h
Type: READ
76543
210
RESEL
SELA
SEL
000
Invalid Command
Disconnected
Service Request
Successful Operation
Selected with Attention
SCSI Reset
16506C-22
Selected
Reselected
The Interrupt Status Register (INSTREG) will indicate
the reason for the interrupt. This register is used with the
Status Register (STATREG) and Internal Status Regis-
ter (ISREG) to determine the reason for the interrupt.
Reading the INSTREG will clear all three registers.
INSTREG – Bit 7 – SRST – SCSI Reset
The SRST bit will be set if a SCSI Reset is detected and
SCSI reset reporting is enabled via the DISR (bit 6) of
the CNTLREG1.
INSTREG – Bit 6 – ICMD – Invalid Command
The ICMD bit will be set if the device detects an illegal
command code. This bit is also set if a command code
from a different mode is detected than the mode the de-
vice is currently in.
INSTREG – Bit 5 – DIS – Disconnected
The DIS bit can be set in the target or the initiator mode
when the device disconnects from the SCSI bus. In the
target mode this bit will be set if a terminate or a com-
mand complete sequence causes the device to discon-
nect from the SCSI bus. In the Initiator mode this bit will
be set if the target disconnects or a selection or reselec-
tion timeout occurs.
INSTREG – Bit 4 – SR – Service Request
The SR bit can be set in the target or the initiator mode
when another device on the SCSI bus has a service re-
quest. In the target mode this bit will be set when the in-
itiator asserts the
ATN signal. In the Initiator mode this
bit is set whenever the target requests an information
transfer phase.
INSTREG – Bit 3 – SO – Successful Operation
The SO bit can be set in the target or the initiator mode
when an operation is successfully complete. In the
target mode this bit will be set when any target mode
command is completed. In the initiator mode this bit is
set after a target has been successfully selected, after a
command is successfully completed and after an infor-
mation transfer command when the target requests a
message in phase.
INSTREG – Bit 2 – RESEL – Reselected
The RESEL bit is set at the end of the reselection phase
indicating that the device has been reselected as an in-
itiator.
INSTREG – Bit 1 – SELA – Selected with Attention
The SELA bit is set at the end of the selection phase indi-
cating that the device has been selected and that the
ATN signal was active during the selection.
INSTREG – Bit 0 – SEL – Selected
The SEL bit is set at the end of the selection phase indi-
cating that the device has been selected and that the
ATN signal was inactive during the selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com