Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C96KCW Datasheet(PDF) 47 Page - Advanced Micro Devices

Part # AM53C96KCW
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C96KCW Datasheet(HTML) 47 Page - Advanced Micro Devices

Back Button AM53C96KCW Datasheet HTML 43Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 44Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 45Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 46Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 47Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 48Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 49Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 50Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 51Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
P R E L I M I N A R Y
AMD
47
Am53C94/Am53C96
45
tPD
DACK
to DREQ
Valid Delay
38
ns
46
tP
DACK
to
DACK
period
100
ns
47
tPWL
DACK Pulse Width Low
60
ns
48
tPD
DACK
to Data Valid Delay
41
ns
49
tPD
DACK
to DREQ
Valid Delay
40
ns
50
tP
DACK
to
DACK
period
t3+50–t51
ns
51
tPWH
DACK Pulse Width High
12
ns
52
tZ
DACK
to Data High Impedance
40
ns
53
tH
DACK
to Data Hold Time
2
ns
54
tS
DACK
to
DMAWR
Set Up Time
0
ns
55
tPWL
DMAWR Pulse Width Low
50
ns
56
tS
Data to
DMAWR
Set Up Time
15
ns
57
tH
DMAWR
to
DACK
Hold Time
0
ns
58
tPWH
DMAWR Pulse Width High
40
ns
59
tH
Data to
DMAWR
Hold Time
0
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Note:
There is a one-to-one relationship between every AMD and NCR Parameter (refer to Appendix B).
DMA Read without Byte Control
45
49
46
47
67
51
48
53
52
50
DREQ
DACK
DMA 15–0
DMAP 1–0
49
45
51
47
DMA Write without Byte Control
45
49
46
47
51
55
57
54
56
59
50
58
52
49
45
47
48
53
51
DMA 15–0
DMAP 1–0
DREQ
DACK
DMAWR
16506C-41
16506C-42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com