Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C96KCW Datasheet(PDF) 56 Page - Advanced Micro Devices

Part # AM53C96KCW
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C96KCW Datasheet(HTML) 56 Page - Advanced Micro Devices

Back Button AM53C96KCW Datasheet HTML 52Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 53Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 54Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 55Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 56Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 57Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 58Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 59Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 60Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 63 page
background image
P R E L I M I N A R Y
AMD
56
Am53C94/Am53C96
140
tPD
CLK
to Data Delay
15*
90
ns
141
tS
ACKC or REQC
to Data
55
ns
Set Up Time
142
tPD
CLK
to
ACKC or REQC
Delay
13*
68
ns
143
tPD
CLK
to
ACKC or REQC
Delay
17
70
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Synchronous Initiator Target Transmit
140
REQC
ACKC
SDC 7–0
SDCP
CLK
142
141
140
143
142
16505C-51
Note:
There is a one-to-one relationship between every AMD and NCR Parameter (refer to Appendix B).
* The minimum values have a wide range since they depend on the Synchronization latency. The synchronization latency, in
turn, depends on the operating frequency of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com