Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C96KCW Datasheet(PDF) 51 Page - Advanced Micro Devices

Part # AM53C96KCW
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C96KCW Datasheet(HTML) 51 Page - Advanced Micro Devices

Back Button AM53C96KCW Datasheet HTML 47Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 48Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 49Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 50Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 51Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 52Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 53Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 54Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 55Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 63 page
background image
P R E L I M I N A R Y
AMD
51
Am53C94/Am53C96
82
tPD
DACK
to DREQ
Valid Delay
45
ns
83
tPWL
DACK Pulse Width Low
100
ns
84
tS
DACK
to
DMARD
Set Up Time
0
ns
85
tP
DMARD
to
DMARD
period
130
ns
86
tPD
DMARD
to Data Valid Delay
70
ns
87
tPWH
DMARD Pulse Width High
60
ns
88
tPWL
DMARD Pulse Width Low
70
ns
89
tP
DMARD
to
DMARD
period
t3 + 50
ns
90
tPD
DMARD
to DREQ
Valid Delay
140
ns
91
tZ
DMARD
to Data High Impedance
50
ns
92
tH
DMARD
to Data Hold Time
2
ns
93
tPD
DACK
to DREQ
Valid Delay
40
ns
94
tPWH
DACK Pulse Width High
60
ns
95
tS
DACK
to
DMAWR
Set Up Time
0
ns
96
tP
DMAWR
to
DMAWR
period
160
ns
97
tPWH
DMAWR Pulse Width High
60
ns
98
tPWL
DMAWR Pulse Width Low
100
ns
99
tP
DMAWR
to
DMAWR
period
t3 + 50
ns
100
tS
Data to
DMAWR
Set Up Time
15
ns
101
tPD
DMAWR
to DREQ
Valid Delay
140
ns
102
tH
Data to
DMAWR
Hold Time
0
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Note:
There is a one-to-one relationship between every AMD and NCR Parameter (refer to Appendix B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com