Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6440 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6440
Description  4-Channel ultra low power GMR-TMR preamplifier for HDD applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6440 Datasheet(HTML) 1 Page - STMicroelectronics

  L6440 Datasheet HTML 1Page - STMicroelectronics L6440 Datasheet HTML 2Page - STMicroelectronics L6440 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
July 2006
Rev 1
1/3
3
L6440
4-Channel ultra low power GMR-TMR preamplifier
for HDD applications
Feature summary
■ Flip Chip package
■ 4-channel configuration
■ Dual Power Supplies of +3V, +20% -10%
and -2.1V, ±6%
■ Operating Temperature Range -25°C to +85°C
■ Supports xGMR heads from 50 to 500 Ohms
and perpendicular write heads
■ Data Rate up to 600Mb/s
■ Sleep mode power consumption < 200µW
■ Sleep-to-read recovery time < 500ns
■ Read mode power consumption < 60mW
(RMR=250Ohm, Ibias =400µA, NF<2dB)
■ Read Bandwidth (-3dB): 50kHz - 450MHz
■ Read Gain selectable from 20dB to 38dB
■ Write mode power consumption < 200 mW @
600Mb/s measured with single head 100%
Write mode duty cycle, 127b PRBS,
Iw = 40mA, OSC = 100mA (0-pk),
OSD = 500ps (PW50), with Heater off
■ Write voltage launched up to 6V differential
■ Accurate Flying Height Control using voltage or
power output
■ ESD diodes for MR head protection
■ Differential Current and Voltage Bias / Voltage
Sense architecture
■ Bi-directional 16-bit serial interface 2.5V and
3.3V CMOS compatible
Description
The L6440 is a BICMOS Silicon Germanium
monolithic integrated circuit differential
preamplifier for Ultra Low Power Hard Disk Drive
applications.
This part is specially designed to have minimum
dissipation in all the modes of operation (Sleep
<200mW, Read <60mW, Write <200mW) and
very fast Sleep to Read recovery time (S2R
<500ns).
It is designed for use with 4-terminal Giant
Magneto Resistance / Tunnel Magneto
Resistance read and Perpendicular write heads.
In read mode, the device consists of a fully
differential amplifier, offering: current or voltage
bias, voltage-sense input, programmable input
impedance, a wide-range read gain, low-noise
and high-bandwidth. In write mode, it includes fast
current switching differential write drivers, which
support data rates up to 600 Mb/s, overshoot
amplitude and duration programmability. In all the
modes of operations Fly Height Control circuit is
available. This circuit delivers an accurate
programmable voltage or power to a resistive
element near the write head to match write
current induced heating and subsequent
expansion or protrusion of the pole tip which
effect the media spacing.
The part is further comprehensive of an extensive
analog/digital measurement scheme for the read,
write, heater heads and die temperature, of an
extensive fault detection and reporting scheme,
thermal asperity detection and correction, write
degauss function.
Order code
Flip Chip (Bumped die)
Part number
Package
Operating temp. range
L6440
Flip Chip (Bumped die)
-25°C to +85°C
www.st.com


Similar Part No. - L6440

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L644 CRYDOM-L644 Datasheet
585Kb / 4P
Power Modules
L644F CRYDOM-L644F Datasheet
585Kb / 4P
Power Modules
More results

Similar Description - L6440

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5509 NSC-CLC5509 Datasheet
445Kb / 11P
Ultra-Low Noise Preamplifier
logo
STMicroelectronics
L6327 STMICROELECTRONICS-L6327 Datasheet
60Kb / 4P
6 / 4 CHANNEL VOLTAGE SENSE GMR PREAMPLIFIER
Feb-2001
logo
Maxim Integrated Produc...
MAX3664 MAXIM-MAX3664 Datasheet
236Kb / 12P
622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET
19-0479; Rev 1; 7/97
MAX3665 MAXIM-MAX3665 Datasheet
584Kb / 12P
622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET
19-1601; Rev 0; 1/00
logo
List of Unclassifed Man...
LD3301-X ETC1-LD3301-X Datasheet
111Kb / 1P
1 and 2-Channel 5V or 3.3V GMR Head Preamplifier
ZN459 ETC1-ZN459 Datasheet
400Kb / 8P
ULTRA LOW NOISE WIDEBAND PREAMPLIFIER
logo
STMicroelectronics
L6316 STMICROELECTRONICS-L6316 Datasheet
48Kb / 6P
4-CHANNEL LOW POWER PREAMPLIFIER
Sep-2004
logo
Maxim Integrated Produc...
MAX3665 MAXIM-MAX3665_05 Datasheet
732Kb / 10P
622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET
Rev 2; 11/05
logo
MultiDimension Technolo...
TMR9001 MULTIDIMENSION-TMR9001 Datasheet
645Kb / 5P
Ultra High Sensitivity,Ultra Low Noise TMR linear sensor
V1.0a
TMR9002 MULTIDIMENSION-TMR9002 Datasheet
720Kb / 5P
Ultra High Sensitivity,Ultra Low Noise TMR linear sensor
V1.0a
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com