Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-R31 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # FT-R31
Description  Digital Fiber Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FT-R31 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button FT-R31 Datasheet HTML 2Page - Panasonic Semiconductor FT-R31 Datasheet HTML 3Page - Panasonic Semiconductor FT-R31 Datasheet HTML 4Page - Panasonic Semiconductor FT-R31 Datasheet HTML 5Page - Panasonic Semiconductor FT-R31 Datasheet HTML 6Page - Panasonic Semiconductor FT-R31 Datasheet HTML 7Page - Panasonic Semiconductor FT-R31 Datasheet HTML 8Page - Panasonic Semiconductor FT-R31 Datasheet HTML 9Page - Panasonic Semiconductor FT-R31 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Digital Fiber Sensor
FX-410 SERIES
172
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Model No.
Sensing range (mm in) (Note 1)
Dimensions
Red LED
Blue LED
Green LED
U-LG
STD
FAST
U-LG
STD
FAST
U-LG
STD
FAST
FT-S21W
380 14.961
80 3.150
55 2.165
53 2.087
16 0.630
9 0.354
28 1.102
7 0.276
4 0.157 P.55
FT-S30
1,600 62.992
345 13.583
245 9.646
250 9.843
65 2.559
45 1.772
140 5.512
40 1.575
25 0.984 P.55
FT-S31W
1,300 51.181
290 11.417
210 8.268
220 8.661
57 2.244
33 1.299
110 4.331
32 1.260
19 0.748 P.55
FT-S32
3,600 141.732 (Note 2)
920 36.220
670 26.378
700 27.559
180 7.087
110 4.331
400 15.748
92 3.622
62 2.441 P.55
FT-V23
720 28.346
140 5.512
100 3.937
120 4.724
30 1.181
20 0.787
65 2.559
16 0.630
9 0.354 P.55
FT-V24W
140 5.512
25 0.984
20 0.787
18 0.709
2 0.079
–
5 0.197
–
–
P.56
FT-V25
360 14.173
70 2.756
50 1.969
57 2.244
10 0.394
7 0.276
28 1.102
8 0.315
5 0.197 P.56
FT-V30
770 30.315
160 6.299
120 4.724
210 8.268
47 1.850
28 1.102
100 3.937
22 0.866
10 0.394 P.56
FT-V40
3,600 141.732 (Note 2)
950 37.402
730 28.740
810 31.890
190 7.480
130 5.118
500 19.685
115 4.528
81 3.189 P.56
FT-V80Y
1,500 59.055
350 13.780
250 9.843
240 9.449
55 2.165
35 1.378
180 7.087
38 1.496
24 0.945 P.56
FT-Z20HBW
390 15.354
80 3.150
55 2.165
64 2.520
16 0.630
10 0.394
30 1.181
7 0.276
5 0.197 P.56
FT-Z20W
1,300 51.181
270 10.630
190 7.480
170 6.693
39 1.535
23 0.906
92 3.622
19 0.748
11 0.433 P.56
FT-Z30
3,100 122.047
660 25.984
480 18.898
250 9.843
60 2.362
37 1.457
190 7.480
51 2.008
33 1.299 P.56
FT-Z30E
3,600 141.732 (Note 2) 1,200 47.244
920 36.220
960 37.795
250 9.843
160 6.299
460 18.110
120 4.724
83 3.268 P.56
FT-Z30EW
3,600 141.732 (Note 2)
590 23.228
430 16.929
940 37.008
180 7.087
110 4.331
400 15.748
85 3.346
56 2.205 P.57
FT-Z30H
3,600 141.732 (Note 2) 1,300 51.181
950 37.402 1,100 43.307
290 11.417
170 6.693
580 22.835
150 5.906
100 3.937 P.57
FT-Z30HW
3,600 141.732 (Note 2) 1,300 51.181
950 37.402
940 37.008
180 7.087
110 4.331
400 15.748
85 3.346
56 2.205 P.57
FT-Z30W
2,400 94.488
540 21.260
390 15.354
180 7.087
45 1.772
28 1.102
160 6.299
34 1.339
21 0.827 P.57
FT-Z40HBW
1,300 51.181
290 11.417
210 8.268
220 8.661
57 2.244
33 1.299
110 4.331
32 1.260
19 0.748 P.57
FT-Z40W
2,200 86.614
460 18.110
340 13.386
380 14.961
90 3.543
63 2.480
170 6.693
45 1.772
30 1.181 P.57
FT-Z802Y
3,500 137.795 (Note 2)
750 29.528
540 21.260
450 17.717
110 4.331
80 3.150
300 11.811
80 3.150
60 2.362 P.57
LIST OF FIBERS
Thru-beam type (one pair set)
Fibers are listed in alphabetic order. Refer to p.5~ “Fiber Selection” for details of each fiber.
Notes: 1) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut.
2) The fiber cable length practically limits the sensing range.
Retroreflective type
Fibers are listed in alphabetic order. Refer to p.5~ “Fiber Selection” for details of each fiber.
Model No.
Sensing range (mm in) (Note 1,2)
Dimensions
Red LED
Blue LED
Green LED
U-LG
STD
FAST
U-LG
STD
FAST
U-LG
STD
FAST
FR-KZ22E
15 to 350 0.591to13.780 15 to 140 0.591 to 5.512 15 to 100 0.591 to 3.937 20 to 100 0.787 to 3.937
–
–
–
–
–
P.58
FR-KZ50E
20 to 400 0.787to15.748 20 to 200 0.787 to 7.874 20 to 200 0.787 to 7.874 20 to 200 0.787 to 7.874 20 to 84 0.787 to 3.307 20 to 45 0.787 to 1.771 20 to 180 0.787 to 7.087 20 to 55 0.787 to 1.969
–
P.58
FR-KZ50H
20 to 400 0.787to15.748 20 to 200 0.787 to 7.874 20 to 200 0.787 to 7.874 20 to 145 0.787 to 5.709 20 to 47 0.787 to 1.850 20 to 26 0.787 to 1.024 20 to 145 0.787 to 5.709 20 to 47 0.787 to 1.850 20 to 26 0.787 to 1.024 P.58
FR-Z50HW
100 to 1,000 3.937to39.370 100 to 540 3.937to21.260 100 to 460 3.937to18.110 100 to 490 3.937to19.291
–
–
–
–
–
P.58
Notes: 1) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut.
The sensing range of
FR-KZ22E is specified for the attached reflector.
The sensing range of
FR-KZ50E and FR-KZ50H is specified for the attached reflector RF-003. The sensing range of FR-Z50HW is specified for the RF-13.
2) The sensing range is the possible setting range for the attached reflector. The fiber can detect an object less than setting range for the reflector.
However, note that if there are any white or highly-reflective surfaces near the fiber head, reflected incident light may affect the fiber head. If this occurs,
adjust the threshold value of the amplifier unit before use.
Sensing range when using in combination with FR-Z50HW reflector (Optional)
Note: The sensing range is the possible setting range for the reflector. The fiber can detect an object less than setting range for the reflector. However, note that if
there are any white or highly-reflective surfaces near the fiber head, reflected incident light may affect the fiber head. If this occurs, adjust the threshold value
of the amplifier unit before use.
The sensing ranges are the value for red LED types.
Reflector
Model No.
Sensing range (mm in)
FX-411
U-LG
STD
FAST
RF-230
100 to 12,000 3.937 to 47.244 100 to 1,700 3.937 to 66.929 100 to 1,300 3.937 to 51.181
RF-220
100 to 2,200 3.937 to 8.661 100 to 950 3.937 to 37.402 100 to 730 3.937 to 28.740
RF-210
100 to 2,100 3.937 to 82.677 100 to 780 3.937 to 30.709 100 to 620 3.937 to 24.409



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com