Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-R31 Datasheet(PDF) 15 Page - Panasonic Semiconductor

Part # FT-R31
Description  Digital Fiber Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FT-R31 Datasheet(HTML) 15 Page - Panasonic Semiconductor

Back Button FT-R31 Datasheet HTML 8Page - Panasonic Semiconductor FT-R31 Datasheet HTML 9Page - Panasonic Semiconductor FT-R31 Datasheet HTML 10Page - Panasonic Semiconductor FT-R31 Datasheet HTML 11Page - Panasonic Semiconductor FT-R31 Datasheet HTML 12Page - Panasonic Semiconductor FT-R31 Datasheet HTML 13Page - Panasonic Semiconductor FT-R31 Datasheet HTML 14Page - Panasonic Semiconductor FT-R31 Datasheet HTML 15Page - Panasonic Semiconductor FT-R31 Datasheet HTML 16Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
181 DigitalFiberSensorFX-410SERIES
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Mode table
Mode
Factory
setting
Description
Response time change mode
The response time can be set.
Light-emitting amount
selection mode (Note 1)
The light-emitting amount can be
switched among four levels.
Timer setting mode
Timer settings can be selected; Without timer /
OFF-delay timer / ON-delay timer / ONE SHOT
timer. Also the timer period can be set.
Digital display inversion mode
The display on the digital display can be inverted.
Eco mode (Note 2)
If no key is pressed for 20 sec. approx.
while in “RUN” mode, the digital display
turns off automatically. Press the
setting switch or move the operation
mode switch to make the display light
up again. The digital display will light
up when the threshold value adjuster is
turned, but note that this will also cause
the threshold value to change.
Peak / Bottom hold
mode
If the setting switch is pressed while
“RUN” mode is active, the display will
alternate between the peak hold value
and the bottom hold value. (The
display will refresh every 2 sec.) The
display will return to normal if any
operation other than threshold value
setting is carried out.
Notes: 1) This mode is not incorporated in the blue LED type and green LED type.
2) While the peak / bottom hold mode is ON, the digital display is not
turned off even if the Eco mode is set to ON.
Note: Although the display changes to the indication of ‘SET’ condition
2 sec. after pressing the setting switch, keep pressing the switch.
Furthermore, the sensor does not go into the key lock setting from
‘SET’ condition.
Key lock function
Factory setting
Error display indicator readings
PRECAUTIONS FOR PROPER USE
Refer to p.1458~ for general precautions.
<RUN condition>
<SET condition>
Standard
Response time: 500 s or less
Response time: 4.5 ms or less
Long-range
Response time: 150 s or less
High-speed
Emitting power Hi
Emitting power Lo
Without timer
OFF-delay
ON-delay
ONE SHOT
The timer period can be set within the following ranges:
1 to 10 ms: 1 ms units; 10 to 100 ms: 10 ms units; 100 to 500 ms: 50 ms units
500 to 1000 ms: 100 ms units; 1000 to 3000 ms: 500 ms units
Press and hold for 2 seconds or more
Note: This mode is not
incorporated in the
blue LED type and
green LED type.
Peak / Bottom
hold mode
(The actual display will be “
”.)
<RUN condition>
(Peak value) (Bottom value)
<RUN condition>
(Note)
Emitting
intensity
selection mode
Timer setting
mode
Digital display
inversion mode
(Eco mode)
Response time
change mode
<RUN condition>
(Set to ON)
(Set to OFF)
Press and hold
for 5 sec. (Note)
Display
Error description
Measures
The load has short-circuited
and excess current is flowing.
Turn off the power, then
check the load.
Communication error has
occurred at time of connection.
Check if the mounted amplifiers are
in close contact with each other.
• Do not use during the initial transient time (0.5 sec.) after
the power supply is switched on.
• This sensor is suitable for indoor use only.
• Do not use this sensor in places having excessive vapor,
dust, etc., or where it may come in contact with corrosive
gas.
• Take care that the sensor does not come in direct contact
with oil, grease, organic solvents, such as, thinner etc., or
strong acid, and alkaline.
• This sensor cannot be used in an environment containing
inflammable or explosive gases.
• Never disassemble or modify the sensor.
• The changes to the settings are written to the EEPROM,
but because the EEPROM has a limited service life,
you should avoid changing the settings any more than 1
million times.
Others
• When the setting switch
is pressed and hold for 5
sec. while in ‘RUN’ mode,
the key lock function can
be set / canceled.
• When the key lock function
is set to ON, even if the
threshold value adjuster or
the setting switch is operated, “
” is displayed and the
key operation cannot be carried out.
• When the setting switch is pressed and held for 10 sec.,
until “
” is displayed while in ‘RUN’ mode, the all
settings are returned to the factory setting.
(For the factory setting, refer to ‘Mode table’ in ‘
Mode
selection’.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com