Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-R31 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # FT-R31
Description  Digital Fiber Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FT-R31 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  FT-R31 Datasheet HTML 1Page - Panasonic Semiconductor FT-R31 Datasheet HTML 2Page - Panasonic Semiconductor FT-R31 Datasheet HTML 3Page - Panasonic Semiconductor FT-R31 Datasheet HTML 4Page - Panasonic Semiconductor FT-R31 Datasheet HTML 5Page - Panasonic Semiconductor FT-R31 Datasheet HTML 6Page - Panasonic Semiconductor FT-R31 Datasheet HTML 7Page - Panasonic Semiconductor FT-R31 Datasheet HTML 8Page - Panasonic Semiconductor FT-R31 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
167
Related Information
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
LIGHT CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN MACHINE
INTERFACES
ENERGY CONSUMPTION
VISUALIZATION
COMPONENTS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
Threshold value adjuster
Threshold
value
Incident light
intensity
Operation
mode
switch
Setting switch
Conforming to
EMC Directive
PNP output
type available
Timer
Light intensity
monitor
Interference
prevention
Incident light intensity and threshold value
are displayed simultaneously
The incident light intensity and threshold value can be
checked at the same time with no operations needed. In
addition, no complex mode settings are needed when
the values are adjusted.
Easy-to-understand operating panel layout
The threshold value adjuster and operation mode switch
are large and easy to see, and they can be operated with
the same sensitivity as general-purpose photoelectric
sensors. Functions which are not commonly used can be
operated using a non-obtrusive setting switch.
Threshold values can be changed smoothly
This sensor uses the R.S.S.* adjuster with a compact encoder inside.
The sensitivity amount changes depending on the rotation speed of the adjuster, so that
adjustment can be carried out speedily.
* Rotation Speed Sensitivity
Slower [Turn]
Faster [Turn]
1 dig
it equals
30°
Adjustment in units of 1 digit is also easy
100
10
1
Amount of change
(digit)
Adjuster rotation speed
Slower
Faster
No need for the fine changes in force required
for photoelectric sensors.
Certified
Recognition
(Excluding
FX-412□ and PNPoutput type)
(Excluding
FX-412□)
Digital Fiber Sensor
FX-410 SERIES
Just “Look” and “Turn”,
Simple, easy-to-use fiber sensor
■General terms and conditions.............F-7 ■Sensor selection guide …………… P.3~
Glossary of terms / General precautions....P.1455~ / P.1458~
■Korea’s S-mark.............................P.1506
Adjustment variations according to the
individual have been eliminated
Accurate control of the adjuster threshold values by
using numerical values is possible due to the digital
display. This allows anybody to perform the same
settings.
panasonic.net/id/pidsx/global


Similar Part No. - FT-R31

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT-R43 ETC-FT-R43 Datasheet
13Mb / 28P
Digital Fiber Sensor
FT-R44Y ETC-FT-R44Y Datasheet
13Mb / 28P
Digital Fiber Sensor
FT-R60Y ETC-FT-R60Y Datasheet
13Mb / 28P
Digital Fiber Sensor
FT-R80 ETC2-FT-R80 Datasheet
5Mb / 16P
Digital Fiber Sensor FX-100 SERIES
FT-ROUTER5000 ETC2-FT-ROUTER5000 Datasheet
2Mb / 6P
3.3V operation
More results

Similar Description - FT-R31

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-DA-S OMRON-E3X-DA-S Datasheet
1Mb / 28P
Digital Fiber Sensors
E3X-DA8-S OMRON-E3X-DA8-S Datasheet
5Mb / 34P
Digital Fiber Sensors
E3X-DA41RM-S OMRON-E3X-DA41RM-S Datasheet
5Mb / 34P
Digital Fiber Sensors
logo
List of Unclassifed Man...
FX-101P-CC2 ETC2-FX-101P-CC2 Datasheet
5Mb / 16P
Digital Fiber Sensor FX-100 SERIES
FS-V21 ETC1-FS-V21 Datasheet
416Kb / 4P
DUAL DIGITAL FIBER SENSOR
logo
FOTEK CONTROLS CO., LTD...
FF-03R FOTEK-FF-03R Datasheet
1,019Kb / 4P
OPTICAL FIBER SENSOR
logo
Panasonic Semiconductor
FX-301-F7 PANASONIC-FX-301-F7 Datasheet
618Kb / 6P
Digital Fiber Sensor for Leak Detection / Liquid Detection Fibers Only
logo
Pepperl+Fuchs Inc.
OJ500-M1K-E23 PF-OJ500-M1K-E23 Datasheet
220Kb / 3P
Fiber optic sensor for glass fiber optics
MLV41-LL-IR-2133 PF-MLV41-LL-IR-2133 Datasheet
281Kb / 2P
Fiber optic sensor for glass fiber optics
logo
List of Unclassifed Man...
FX-300 ETC-FX-300 Datasheet
13Mb / 28P
Digital Fiber Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com