Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-R31 Datasheet(PDF) 12 Page - Panasonic Semiconductor

Part # FT-R31
Description  Digital Fiber Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FT-R31 Datasheet(HTML) 12 Page - Panasonic Semiconductor

Back Button FT-R31 Datasheet HTML 8Page - Panasonic Semiconductor FT-R31 Datasheet HTML 9Page - Panasonic Semiconductor FT-R31 Datasheet HTML 10Page - Panasonic Semiconductor FT-R31 Datasheet HTML 11Page - Panasonic Semiconductor FT-R31 Datasheet HTML 12Page - Panasonic Semiconductor FT-R31 Datasheet HTML 13Page - Panasonic Semiconductor FT-R31 Datasheet HTML 14Page - Panasonic Semiconductor FT-R31 Datasheet HTML 15Page - Panasonic Semiconductor FT-R31 Datasheet HTML 16Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Digital Fiber Sensor
FX-410 SERIES
178
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
SPECIFICATIONS
Type
NPN output
PNP output
Red LED
Blue LED
Green LED
Red LED
Blue LED
Green LED
Model No.
FX-411
FX-411B
FX-411G
FX-411P
FX-411BP
FX-411GP
Item
FX-412 (Note 2) FX-412B (Note 2) FX-412G (Note 2)
Supply voltage
12 to 24 V DC ±10 % Ripple P-P 10 % or less
Power consumption
<Red LED type>
Normal operation: 960 mW or less (Current consumption 40 mA or less at 24 V supply voltage)
ECO mode: 840 mW or less (Current consumption 35 mA or less at 24 V supply voltage)
<Blue LED / Green LED type>
Normal operation: 720 mW or less (Current consumption 30 mA or less at 24 V supply voltage)
ECO mode: 580 mW or less (Current consumption 24 mA or less at 24 V supply voltage)
Output
<NPN output type>
NPN open-collector transistor
• Maximum sink current: 100 mA
50 mA, if five, or more, amplifiers
are connected in cascade
• Applied voltage: 30 V DC or less (between output and 0 V)
• Residual voltage: 1.5 V or less
at 100 mA sink current
50 mA, if five, or more, amplifiers
are connected in cascade
<PNP output type>
PNP open-collector transistor
• Maximum source current: 100 mA
50 mA, if five, or more, amplifiers
are connected in cascade
• Applied voltage: 30 V DC or less (between output and +V)
• Residual voltage: 1.5 V or less
at 100 mA sink current
50 mA, if five, or more, amplifiers
are connected in cascade
Utilization category
DC-12 or DC-13
Output operation
Switchable either Light-ON or Dark-ON
Short-circuit protection
Incorporated
Response time
150 µs or less (FAST), 500 µs or less (STD), 4.5 ms or less (U-LG) selectable with setting switch
Operation indicator
Orange LED (lights up when the output is ON)
Stability indicator
Green LED (lights up under stable light received condition or stable dark condition)
Timer function
Incorporated with variable ON-delay / OFF-delay / ONE SHOT timer, switchable either effective or ineffective.
Timer period (Note 3): 1 ms to 3 sec. approx. (1 to 10 ms: Setting possible in units of 1 ms, 10 to 100 ms: Setting possible in units of 10 ms,
100 to 500 ms: Setting possible in units of 50 ms, 500 ms to 1 sec.: Setting possible in units of 100 ms, 1 to 3 sec.: Setting possible in units of 500 ms)
Automatic interference prevention function
Incorporated (Up to four sets of fiber heads can be mounted close together. However, U-LG mode is 8 fiber heads.)(Note 4)
Pollution degree
3 (Industrial environment)
Ambient temperature
–10 to +55 °C –14 to +131 °F
If 4 to 7 units are connected in cascade: –10 to +50 °C +14 to +122 °F,
if 8 to 16 units are connected in cascade: –10 to +45 °C +14 to +113 °F
(No dew condensation or icing allowed), Storage: –20 to +70 °C –4 to +158 °F
Ambient humidity
35 to 85 % RH, Storage: 35 to 85 % RH
Ambient illuminance
Incandescent light: 3,000 ℓx or less at the light-receiving face
EMC
EN 60947-5-2
Voltage withstandability
1,000 V AC for one min. between all supply terminals connected together and enclosure (Note 5)
Insulation resistance
20 MΩ, or more, with 250 V DC megger between all supply terminals connected together and enclosure (Note 5)
Vibration resistance
10 to 150 Hz frequency, 0.75 mm 0.030 in amplitude in X, Y and Z directions for two hours each
Shock resistance
98 m/s2 acceleration (10 G approx.) in X, Y and Z directions for five times each
Emitting element (modulated)
Red LED
Blue LED
Green LED
Red LED
Blue LED
Green LED
Peak emission wavelength
650 nm 0.026 mil
470 nm 0.019 mil
525 nm 0.021 mil
650 nm 0.026 mil
470 nm 0.019 mil
525 nm 0.021 mil
Material
Enclosure: Heat-resistant ABS, Case cover: Polycarbonate
Cable length
Total length up to 100 m 328.084 ft (50 m 164.042 ft for 5 to 8 units, 20 m 65.617 ft for 9 to 16 units) is possible with 0.3 mm2, or more, cable.
Weight
Net weight: 20 g approx., Gross weight: 30 g approx.
Notes: 1) Where measurement conditions have not been specified precisely, the conditions used were an ambient temperature of +23 °C +73.4 °F.
2) The
FX-412□ has a threshold value adjuster that can be adjusted with your fingers.
3) For models manufactured up until June 2005, the timer period is approx. 1 to 500 ms.
4) When the power supply is switched on, the light emission timing is automatically set for interference prevention.
5) The voltage withstandability and the insulation resistance values given in the above table are for the amplifier only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com