Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7262 Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST7262
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7262 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST7262_06 Datasheet HTML 88Page - STMicroelectronics ST7262_06 Datasheet HTML 89Page - STMicroelectronics ST7262_06 Datasheet HTML 90Page - STMicroelectronics ST7262_06 Datasheet HTML 91Page - STMicroelectronics ST7262_06 Datasheet HTML 92Page - STMicroelectronics ST7262_06 Datasheet HTML 93Page - STMicroelectronics ST7262_06 Datasheet HTML 94Page - STMicroelectronics ST7262_06 Datasheet HTML 95Page - STMicroelectronics ST7262_06 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 139 page
background image
92/139
10-BIT A/D CONVERTER (ADC) (Cont’d)
10.7.3.4 A/D Conversion
Conversion can be performed in One-Shot or Con-
tinuous mode. Continuous mode is typically used
for monitoring a single channel. One-shot mode
should be used when the application requires in-
puts from several channels.
ADC Configuration
The analog input ports must be configured as in-
put, no pull-up, no interrupt. Refer to the «I/O
ports» chapter. Using these pins as analog inputs
does not affect the ability of the port to be read as
a logic input.
In the ADCCSR register:
– Select the CS[2:0] bits to assign the analog
channel to convert.
ADC One-Shot Conversion mode
In the ADCCSR register:
1.Set the ONE SHOT bit to put the A/D converter
in one shot mode.
2.Set the ADON bit to enable the A/D converter
and to start the conversion. The EOC bit is kept
low by hardware during the conversion.
Note: Changing the A/D channel during conver-
sion will stop the current conversion and start con-
version of the newly selected channel.
When a conversion is complete:
– The EOC bit is set by hardware.
– An interrupt request is generated if the ITE bit
is set.
– The ADON bit is reset by hardware.
– The result is in the ADCDR registers.
To read the 10 bits, perform the following steps:
1. Wait for interrupt or poll the EOC bit
2. Read ADCDRLSB
3. Read ADCDRMSB
The EOC bit is reset by hardware once the AD-
CDRMSB is read.
Figure 52. ADC Block Diagram
CS2
CS1
EOC SPEED ADON
ITE
CS0
ADCCSR
AIN0
AIN1
ANALOG TO DIGITAL
CONVERTER
AINx
ANALOG
MUX
D4
D3
D5
D9
D8
D7
D6
D2
ADCDRMSB
3
DIV 2
fADC
fCPU
D1
D0
ADCDRLSB
DIV 4
0
1
EOC Interrupt
0
0
00
00
ONE
SHOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com