Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7262 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST7262
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7262 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST7262_06 Datasheet HTML 36Page - STMicroelectronics ST7262_06 Datasheet HTML 37Page - STMicroelectronics ST7262_06 Datasheet HTML 38Page - STMicroelectronics ST7262_06 Datasheet HTML 39Page - STMicroelectronics ST7262_06 Datasheet HTML 40Page - STMicroelectronics ST7262_06 Datasheet HTML 41Page - STMicroelectronics ST7262_06 Datasheet HTML 42Page - STMicroelectronics ST7262_06 Datasheet HTML 43Page - STMicroelectronics ST7262_06 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 139 page
background image
ST7262
40/139
9.3 MISCELLANEOUS REGISTER
MISCELLANEOUS REGISTER
Read Write
Reset Value - 0000 0000 (00h)
Bits 7:4 = Reserved
Bits 3:2 = SMS[1:0] Slow Mode Selection
These bits select the Slow Mode frequency (de-
pending on the oscillator frequency configured by
option byte).
Bit 1 = USBOE USB Output Enable
0: PA0 port free for general purpose I/O
1: USBOE alternate function enabled. The USB
output enable signal is output on the PA0 port
(at “1” when the ST7 USB is transmitting data).
Bit 0 = MCO Main Clock Out
0: PB0 port free for general purpose I/O
1: MCO alternate function enabled (fCPU output on
PB0 I/O port)
70
---
-
SMS1 SMS0
US-
BOE
MCO
OSC12/6
SMS1 SMS0
Slow Mode Frequency
(MHz.)
fOSC= 6 MHz.
00
4
01
2
10
1
11
0.5
fOSC= 12 MHz.
00
8
01
4
10
2
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com