Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7262 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST7262
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7262 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST7262_06 Datasheet HTML 8Page - STMicroelectronics ST7262_06 Datasheet HTML 9Page - STMicroelectronics ST7262_06 Datasheet HTML 10Page - STMicroelectronics ST7262_06 Datasheet HTML 11Page - STMicroelectronics ST7262_06 Datasheet HTML 12Page - STMicroelectronics ST7262_06 Datasheet HTML 13Page - STMicroelectronics ST7262_06 Datasheet HTML 14Page - STMicroelectronics ST7262_06 Datasheet HTML 15Page - STMicroelectronics ST7262_06 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 139 page
background image
ST7262
12/139
Table 2. Hardware Register Map
Address
Block
Register
Label
Register Name
Reset
Status
Remarks
0000h
0001h
Port A
PADR
PADDR
Port A Data Register
Port A Data Direction Register
00h1)
00h
R/W2)
R/W2)
0002h
0003h
Port B
PBDR
PBDDR
Port B Data Register
Port B Data Direction Register
00h1)
00h
R/W2)
R/W2)
0004h
0005h
Port C
PCDR
PCDDR
Port C Data Register
Port C Data Direction Register
00h1)
00h
R/W2)
R/W2)
0006h
0007h
Port D
PDDR
PDDDR
Port D Data Register
Port D Data Direction Register
00h1)
00h
R/W2)
R/W2)
0008h
ITRFRE1
Interrupt Register 1
00h
R/W
0009h
MISC
Miscellaneous Register
00h
R/W
000Ah
000Bh
000Ch
ADC
ADCDRMSB
ADCDRLSB
ADCCSR
ADC Data Register (bit 9:2)
ADC Data Register (bit 1:0)
ADC Control Status Register
00h
00h
00h
Read Only
Read Only
R/W
000Dh
WDG
WDGCR
Watchdog Control Register
7Fh
R/W
000Eh
0010h
Reserved Area (3 Bytes)
0011h
0012h
0013h
SPI
SPIDR
SPICR
SPICSR
SPI Data I/O Register
SPI Control Register
SPI Control Status Register
xxh
0xh
00h
R/W
R/W
Read Only
0014h
0015h
0016h
0017h
0018h
0019h
001Ah
001Bh
001Ch
PWM ART
PWMDCR1
PWMDCR0
PWMCR
ARTCSR
ARTCAR
ARTARR
ARTICCSR
ARTICR1
ARTICR2
PWM AR Timer Duty Cycle Register 1
PWM AR Timer Duty Cycle Register 0
PWM AR Timer Control Register
Auto-Reload Timer Control/Status Register
Auto-Reload Timer Counter Access Register
Auto-Reload Timer Auto-Reload Register
ART Input Capture Control/Status Register
ART Input Capture Register 1
ART Input Capture Register 2
00h
00h
00h
00h
00h
00h
00h
00h
00h
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Read Only
Read Only
001Dh
001Eh
001Fh
0020h
0021h
0022h
0023h
0024h
SCI
SCIERPR
SCIETPR
SCISR
SCIDR
SCIBRR
SCICR1
SCICR2
SCI Extended Receive Prescaler register
SCI Extended Transmit Prescaler Register
Reserved Area
SCI Status register
SCI Data register
SCI Baud Rate Register
SCI Control Register 1
SCI Control Register 2
00h
00h
--
C0h
xxh
00h
x000 0000b
00h
R/W
R/W
Read Only
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com