Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7262 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST7262
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7262 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST7262_06 Datasheet HTML 7Page - STMicroelectronics ST7262_06 Datasheet HTML 8Page - STMicroelectronics ST7262_06 Datasheet HTML 9Page - STMicroelectronics ST7262_06 Datasheet HTML 10Page - STMicroelectronics ST7262_06 Datasheet HTML 11Page - STMicroelectronics ST7262_06 Datasheet HTML 12Page - STMicroelectronics ST7262_06 Datasheet HTML 13Page - STMicroelectronics ST7262_06 Datasheet HTML 14Page - STMicroelectronics ST7262_06 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 139 page
background image
ST7262
11/139
3 REGISTER & MEMORY MAP
As shown in the Figure 7, the MCU is capable of
addressing 64K bytes of memories and I/O regis-
ters.
The available memory locations consist of 64
bytes of register locations, 768 bytes of RAM and
up to 16 Kbytes of user program memory. The
RAM space includes up to 128 bytes for the stack
from 0100h to 017Fh.
The highest address bytes contain the user reset
and interrupt vectors.
IMPORTANT: Memory locations marked as “Re-
served” must never be accessed. Accessing a re-
seved area can have unpredictable effects on the
device.
Figure 7. Memory Map
0000h
Program Memory
Interrupt & Reset Vectors
HW Registers
BFFFh
0040h
003Fh
(see Table 2)
C000h
FFDFh
FFE0h
FFFFh
(see Table 6)
0340h
Reserved
033Fh
Short Addressing
RAM (zero page)
or Stack
017Fh
0040h
00FFh
768 Bytes RAM
E000h
8 KBytes
(128 Bytes)
16 KBytes
384 Bytes RAM
64 Bytes
01BFh
16-bit Addressing
RAM
Short Addressing
RAM (zero page)
017Fh
0040h
00FFh
448 Bytes
033Fh
16-bit Addressing
RAM
16-bit Addressing
RAM
or Stack
(128 Bytes)
16-bit Addressing
RAM
192 Bytes
192 Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com