Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7262 Datasheet(PDF) 105 Page - STMicroelectronics

Part # ST7262
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7262 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button ST7262_06 Datasheet HTML 101Page - STMicroelectronics ST7262_06 Datasheet HTML 102Page - STMicroelectronics ST7262_06 Datasheet HTML 103Page - STMicroelectronics ST7262_06 Datasheet HTML 104Page - STMicroelectronics ST7262_06 Datasheet HTML 105Page - STMicroelectronics ST7262_06 Datasheet HTML 106Page - STMicroelectronics ST7262_06 Datasheet HTML 107Page - STMicroelectronics ST7262_06 Datasheet HTML 108Page - STMicroelectronics ST7262_06 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 139 page
background image
105/139
12.5 CLOCK AND TIMING CHARACTERISTICS
Subject to general operating conditions for VDD, fCPU, and TA.
12.5.1 General Timings
1. Data based on typical application software.
2. Time measured between interrupt event and interrupt vector fetch.
∆t
c(INST) is the number of tCPU cycles needed to finish
the current instruction execution.
12.5.2 CONTROL TIMING CHARACTERISTICS
Note 1:
The minimum period tILIL should not be less than the number of cycle times it takes to execute the interrupt service routine
plus 21 cycles.
Note 2:
Not tested in production, guaranteed by design.
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
tc(INST)
Instruction cycle time
fCPU=8MHz
23
12
tCPU
250
375
1500
ns
tv(IT)
Interrupt reaction time 2)
tv(IT) = ∆tc(INST) + 10 tCPU
fCPU=8MHz
10
22
tCPU
1.25
2.75
µs
CONTROL TIMINGS
Symbol
Parameter
Conditions
Value
Unit
Min 2)
Typ. 2)
Max 2)
fOSC
Oscillator Frequency
12
MHz
fCPU
Operating Frequency
8
MHz
tRL
External RESET
Input pulse Width
1.5
tCPU
tPORL
Internal Power Reset Duration
514
tCPU
TRSTL
Reset Pin Output Pulse Width
10
µs
tWDG
Watchdog Time-out
fcpu = 8MHz
65536
8.192
4194304
524.288
tCPU
ms
tOXOV
Crystal Oscillator
Start-up Time
20
30
40
ms
tDDR
Power up rise time
from VDD = 0 to 4V
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com