Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7262 Datasheet(PDF) 138 Page - STMicroelectronics

Part # ST7262
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7262 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button ST7262_06 Datasheet HTML 131Page - STMicroelectronics ST7262_06 Datasheet HTML 132Page - STMicroelectronics ST7262_06 Datasheet HTML 133Page - STMicroelectronics ST7262_06 Datasheet HTML 134Page - STMicroelectronics ST7262_06 Datasheet HTML 135Page - STMicroelectronics ST7262_06 Datasheet HTML 136Page - STMicroelectronics ST7262_06 Datasheet HTML 137Page - STMicroelectronics ST7262_06 Datasheet HTML 138Page - STMicroelectronics ST7262_06 Datasheet HTML 139Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 138 / 139 page
background image
138/139
16 REVISION HISTORY
Description of the changes between the current release of the specification and the previous one.
Date
Revision
Description of Changes
23-Sep-2005
3.0
Clarification of Flash read-out protection in section 4.3.1 on page 14
Removed “optional” for VDD in Figure 9 on page 15
Added one note in “Low Voltage Reset” on page 21
Added caution to “External clock and event detector mode” on page 47
Changed section 10.4.3.3 on page 59
Changed Table 18 on page 64
Changed section 10.5.4.3 on page 71 (noise error section)
Changed “SCI Clock Tolerance” on page 74
Added “Noise Error Causes” on page 75
Added one row for Injected current on PA0 to PA7 pins in section 12.2.2 on page 102
Changed “EMC CHARACTERISTICS” on page 108
Changed figures and tables in “PACKAGE MECHANICAL DATA” on page 124
Changed description of FMP_R bit in section 14.1 on page 128
Added section 15.1 on page 135
Added section 15.3 on page 136
Added note in section 10.4.2 on page 56
Changed description of TC bit in section 10.5.7 on page 77
Modified maximum injected current values for PA0-PA6, PA7, section 12.2.2 on page 102
Reference made to the Flash Programming Reference Manual for Flash timing values sec-
tion 12.6.2 on page 107
Updated option list
Added figures and notes for RESET pin protection when LVD is enabled/disabled page 115
Added ECOPACK information in section 13 on page 124
Modified IS value and corresponding note in section 12.8.1 on page 110
20-Mar-2006
4.0
All low voltage devices and characteristics removed
Addition of Rs resistor in Figure 59. on page 106
Additional note added below Table 4 on page 20
Note added at end of section 10.7.6 on page 94 referring to Important notes
Section 12.5.4 Crystal Oscillator Output Drive Level modified
tCONV values modifed in section 12.12 on page 120 according to Flash/ROM silicon revison
Important notes modified showing device identification
Important note related to A/D converter conversion speed added, section 15.2 on page 135
Weak pull-up equivalent resistor values modified, section 12.9.1 on page 113
Graph in Figure 72 on page 114 updated
Updated option list
Notes updated for Section 12.9.1, Section 12.11.1, Section 12.11.2, Section 12.12.1
Figures modified for RESET pin protection when LVD is enabled/disabled page 115
All FASTROM options removed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com