Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH2500 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH2500
Description  Silicon PIN Photodiode with Very Short Switching Time in SMR짰 Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2500 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH2500 Datasheet HTML 1Page - OSRAM GmbH SFH2500 Datasheet HTML 2Page - OSRAM GmbH SFH2500 Datasheet HTML 3Page - OSRAM GmbH SFH2500 Datasheet HTML 4Page - OSRAM GmbH SFH2500 Datasheet HTML 5Page - OSRAM GmbH SFH2500 Datasheet HTML 6Page - OSRAM GmbH SFH2500 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SFH 2500/FA
SFH 2505/FA
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit in SMR
® Gehäuse
Silicon PIN Photodiode with Very Short Switching Time in SMR
® Package
Lead (Pb) Free Product - RoHS Compliant
SFH 2500
SFH 2505
SFH 2500FA
SFH 2505FA
2007-04-03
1
Wesentliche Merkmale
• Speziell geeignet für Anwendungen im Bereich
von 400 nm bis 1100 nm (SFH 2500/2505) und
bei 880 nm (SFH 2500 FA/2505 FA)
•SMR
® (Surface Mount Radial) Gehäuse
• Kurze Schaltzeit (typ. 5 ns)
• Passend zu IRED SFH 451x, SFH 458x,
SFH 450x
• Für Oberflächenmontage (SMT) geeignet
• Gegurtet lieferbar
Anwendungen
• Industrieelektronik
• „Messen/Steuern/Regeln“
• Schnelle Lichtschranken für Gleich- und
Wechselbetrieb
• Datenübertragung
Features
• Especially suitable for applications from
400 nm to 1100 nm (SFH 2500/2505) and of
880 nm (SFH 2500 FA/2505 FA)
•SMR
® (Surface Mount Radial) package
• Short switching time (typ. 5 ns)
• Matches IRED SFH 451x, SFH 458x,
SFH 450x
• Suitable for surface mounting (SMT)
• Available on tape and reel
Applications
• Industrial electronics
• For control and drive circuits
• Photointerrupters
• Data transmission


Similar Part No. - SFH2500

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH250 SIEMENS-SFH250 Datasheet
126Kb / 4P
PIN PHOTODIODE
logo
Infineon Technologies A...
SFH250 INFINEON-SFH250 Datasheet
192Kb / 6P
Plastic Fiber Optic Photodiode Detector Plastic Connector Housing
2004-03-19
logo
AVAGO TECHNOLOGIES LIMI...
SFH250 AVAGO-SFH250 Datasheet
520Kb / 4P
Receiver with analog output for polymer optical fiber applications
logo
OSRAM GmbH
SFH2504 OSRAM-SFH2504 Datasheet
423Kb / 10P
Silicon PIN Photodiode with integrated Temperature Sensor Version 1.4
logo
ams AG
SFH2504 AMSCO-SFH2504 Datasheet
1Mb / 15P
Silicon PIN Photodiode with integrated Temperature Sensor
Version 1.6 2023-07-17
More results

Similar Description - SFH2500

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH203 SIEMENS-SFH203 Datasheet
225Kb / 4P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH216 SIEMENS-SFH216 Datasheet
200Kb / 4P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH2801 SIEMENS-SFH2801 Datasheet
69Kb / 5P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
logo
OSRAM GmbH
SFH2400 OSRAM-SFH2400 Datasheet
127Kb / 5P
Silicon PIN Photodiode with Very Short Switching Time
SFH229FA OSRAM-SFH229FA Datasheet
287Kb / 9P
Silicon PIN Photodiode with very short switching time
SFH229 OSRAM-SFH229 Datasheet
451Kb / 9P
Silicon PIN Photodiode with very short switching time
SFH-2500-FA OSRAM-SFH-2500-FA Datasheet
368Kb / 12P
Silicon PIN Photodiode in SMR짰 Package
SFH-2505-FA OSRAM-SFH-2505-FA Datasheet
382Kb / 12P
Silicon PIN Photodiode in SMR짰 Package
SFH-229 OSRAM-SFH-229 Datasheet
451Kb / 9P
Silicon PIN Photodiode with very short switching time
SFH-229-FA OSRAM-SFH-229-FA Datasheet
287Kb / 9P
Silicon PIN Photodiode with very short switching time
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com