Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH2500 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH2500
Description  Silicon PIN Photodiode with Very Short Switching Time in SMR짰 Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2500 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH2500 Datasheet HTML 1Page - OSRAM GmbH SFH2500 Datasheet HTML 2Page - OSRAM GmbH SFH2500 Datasheet HTML 3Page - OSRAM GmbH SFH2500 Datasheet HTML 4Page - OSRAM GmbH SFH2500 Datasheet HTML 5Page - OSRAM GmbH SFH2500 Datasheet HTML 6Page - OSRAM GmbH SFH2500 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SFH 2500/FA, SFH 2505/FA
2007-04-03
5
Relative Spectral Sensitivity
S
rel = f (λ)
SFH 2500/2505
Photocurrent
I
P = f (Ee), VR = 5 V
Open-Circuit-Voltage
V
O = f (Ee)
SFH 2500 FA/2505 FA
Directional Characteristics
S
rel = f (ϕ)
λ
OHF01034
0
rel
S
400
600
800
1000
1200
20
40
60
80
%
100
nm
E
OHF00302
e
-3
10
10
0
10
1
2
mW/cm
10
-1
10
-2
10
-1
10
1
mV
O
V
10
4
3
10
10
2
0
10
10
1
P
Ι
V
O
P
Ι
3
10
2
10
A
μ
OHF00303
020
40
60
80
100
120
0.4
0.6
0.8
1.0
100
90
80
70
60
50
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1.0
ϕ
Relative Spectral Sensitivity
S
rel = f (λ)
SFH 2500 FA/2505 FA
Total Power Dissipation
P
tot = f (TA)
λ
OHF01773
0
rel
S
400
600
800
1000
1200
20
40
60
80
%
100
nm
OHF00392
0
tot
P
0
20
40
60
80
100
120
20
40
60
80
100
120
mW
˚C
T
A
Photocurrent
I
P = f (Ev), VR = 5 V
Open-Circuit Voltage
V
O = f (Ev)
SFH 2500/2505
Dark Current
I
R = f (VR), E = 0
E
OHF00301
v
P
Ι
10
0
10
1
lx
10
-1
0
10
10
1
10
23
10
3
10
2
10
1
10
10
0
2
10
10
3
4
10
V
O
mV
10
4
Ι
P
O
V
A
μ
V
OHF01026
R
R
Ι
0
4
10
3
10
2
10
10
1
pA
20
V
30
10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com