Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH2500 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH2500
Description  Silicon PIN Photodiode with Very Short Switching Time in SMR짰 Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2500 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH2500 Datasheet HTML 1Page - OSRAM GmbH SFH2500 Datasheet HTML 2Page - OSRAM GmbH SFH2500 Datasheet HTML 3Page - OSRAM GmbH SFH2500 Datasheet HTML 4Page - OSRAM GmbH SFH2500 Datasheet HTML 5Page - OSRAM GmbH SFH2500 Datasheet HTML 6Page - OSRAM GmbH SFH2500 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2007-04-03
4
SFH 2500/FA, SFH 2505/FA
Temperaturkoeffizient von
V
O
Temperature coefficient of
V
O
TC
V
– 2.6
– 2.6
mV/K
Temperaturkoeffizient von
I
SC
Temperature coefficient of
I
SC
Normlicht/standard light A
λ = 870 nm
TC
I
0.18
0.1
–
0.1
%/K
Rauschäquivalente Strahlungsleistung
Noise equivalent power
V
R = 20 V, λ = 850 nm
NEP
2.9
× 10– 14
2.9
× 10– 14
Nachweisgrenze,
V
R = 20 V, λ = 850 nm
Detection limit
D*
3.5
× 1012
3.5
× 1012
Kennwerte
(T
A = 25 °C)
Characteristics (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
SFH 2500
SFH 2505
SFH 2500 FA
SFH 2505 FA
W
Hz
------------
cm
Hz
×
W
--------------------------



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com