Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH2500 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH2500
Description  Silicon PIN Photodiode with Very Short Switching Time in SMR짰 Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2500 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH2500 Datasheet HTML 1Page - OSRAM GmbH SFH2500 Datasheet HTML 2Page - OSRAM GmbH SFH2500 Datasheet HTML 3Page - OSRAM GmbH SFH2500 Datasheet HTML 4Page - OSRAM GmbH SFH2500 Datasheet HTML 5Page - OSRAM GmbH SFH2500 Datasheet HTML 6Page - OSRAM GmbH SFH2500 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SFH 2500/FA, SFH 2505/FA
2007-04-03
3
Kennwerte
(T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
SFH 2500
SFH 2505
SFH 2500 FA
SFH 2505 FA
Fotostrom
Photocurrent
V
R = 5 V, Normlicht/standard light A,
T = 2856 K, E
V = 1000 lx
V
R = 5 V, λ = 870 nm, Ee = 1 mW/cm
2
I
P
I
P
100
70 (
> 50)
–
70 (
> 50)
μA
μA
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
S max
850
900
nm
Spektraler Bereich der Fotoempfindlichkeit
S = 10% von S
max
Spectral range of sensitivity
S = 10% of S
max
λ
400 … 1100
750 … 1100
nm
Bestrahlungsempfindliche Fläche
Radiant sensitive area
A
1
1
mm
2
Abmessung der bestrahlungsempfindlichen Fläche
Dimensions of radiant sensitive area
L × B
L × W
1
× 1
1
× 1
mm
×mm
Halbwinkel
Half angle
ϕ
± 15
± 15
Grad
deg.
Dunkelstrom,
V
R = 20 V
Dark current
I
R
0.1 (
≤ 5)
0.1 (
≤ 5)
nA
Leerlaufspannung
Open-circuit voltage
E
v = 1000 Ix, Normlicht/standard light A,
T = 2856 K
E
e = 0.5 mW/cm
2,
λ = 870 nm
V
O
V
O
430
390 (
> 320)
–
390 (
> 320)
mV
mV
Kurzschlussstrom
Short-circuit current
E
v = 1000 Ix, Normlicht/standard light A,
T = 2856 K
E
e = 1.0 mW/cm
2,
λ = 870 nm
I
SC
I
SC
100
70
–
70
μA
μA
Anstiegs- und Abfallzeit des Fotostromes
Rise and fall time of the photocurrent
R
L = 50 Ω; VR = 20 V; λ = 850 nm; Ip = 800 μA
t
r, tf
5
5
ns
Kapazität,
V
R = 0 V, f = 1 MHz, E = 0
Capacitance
C
0
11
11
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com