Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  KITMPC5744DBEVM Evaluation Daughter Board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 27Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Bill of Materials
KTMPC5744DBUG Rev. 1.0 2/2015
24
Freescale Semiconductor, Inc.
Item
Qty
Schematic Label
Value
Description
Part Number
Assy
Opt
Switches
27
2
SW1, SW2
101-0367-EV
SW SPST MOM NO PB 50 MA 12 V
SMT
101-0367-EV
Jumpers
28
4
X1, X2, X3, X4
CON 2X40 HDR
CON 2X40 HDR SMT 0.5 MM SP 99 H
AU
DF12 (3.0)-80DP-0.5V (86)
Crystal
29
1
X5
40 MHZ
XTAL 40 MHZ -- -- SMT
NX5032GA-40.000000MHZ-L
N-CD-1
Notes
1.
Freescale does not assume liability, endorse, or warrant components from external manufacturers are referenced in circuit drawings or tables.
While Freescale offers component recommendations in this configuration, it is the customer’s responsibility to validate their application.
2.
Do not populate.
3.
Critical components. For critical components, it is vital to use the manufacturer listed.
Table 10. Bill of Materials (1) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com