Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  KITMPC5744DBEVM Evaluation Daughter Board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Getting to Know the Hardware
KTMPC5744DBUG Rev. 1.0 2/2015
10
Freescale Semiconductor, Inc.
JP8
VDD_LV – power supply for the PLL and cores (VDD_LV_PLL and VDD_LV_CORE)
1-2
The VCORE coming from the motherboard is used directly – if this option is used, the VCORE on
the motherboard must be configured to 1.2 V, otherwise the MCU can be damaged!
2-3
The VDD_LV_xxx will be supplied from VCOREcoming from motherboard using an external ballast
to generate 1.2 V (VCORE is configured on the motherboard to 3.3 V).
JP9
VDD_HV – power supply for the MCU’s IOs (VDD_HV_IO and some other peripherals
– see schematics for details)
1-2
The VCORE is used (is configured to 3.3 V)
2-3
The VCCA is used
JP10
ADV0/1 – power supply for the ADC module
1-2
The VCORE is used
3-4
The VCCA is used
Table 6. Boot Mode Truth Table
FAB
ABS[2,0]
Boot Mode
100
UART
101
CAN
Table 5. Jumpers and Switches (continued)
Schematic Label
Setting
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com