Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  KITMPC5744DBEVM Evaluation Daughter Board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Getting to Know the Hardware
KTMPC5744DBUG Rev. 1.0 2/2015
6
Freescale Semiconductor, Inc.
3.2
Board Features
The board features are as follows:
• Qorivva MPC5744P 32-bit microcontroller with safety architecture
• Preloaded software demo for the MC33908 and MPC5744P platform
• Designed to be plugged onto the KIT33908MBEVBE Evaluation Board
• Separated power supplies for the core and the ADC
• High precision VCCA power supply connected to the ADC reference voltage
• Equipped by Nexus and JTAG for simple debug
• Possible to connect USB/RS232 through the mother board
3.3
Device Features
This evaluation board features the following Freescale products:
Table 1. Device Features
Device
Description
Features
MPC5744P
The MPC5744P is a Qorivva 32-bit
embedded Power Architecture® MCU
family designed for automotive and
industrial functional safety applications.
•
Dual e200 Z4 CPU architecture
•
Dual processing spheres including; CPU, DMA, interrupt controller, crossbar, and MPU
for logic level fault detection
•
Two statically configurable modes of operation: Lockstep operation (redundant process-
ing and calculations) and dual parallel mode (independent core operation)
•
Fault collection unit, which monitors and manages fault events
•
Error correction coding on RAM and flash memory allows detection/correction of memory
errors
•
Safety oriented MCU to achieve ISO 26262 functional safety standard certification
•
Robust communications with FlexRay™ and CAN/safety port high-speed low latency
messaging
•
Cross-triggering unit coordinates ADC, timer, and PWM generation and minimizes CPU
interrupt load
•
Peripheral modules (ADCs, eTimers, …)
•
This product is included in Freescale's product longevity program, with assured supply
for a minimum of 15 years after launch
MC33908
The MC33908 System Basis Chip
(SBC), a Freescale Energy-Efficient
solution, provides power to MCUs and
other system loads and optimizes
energy consumption.
•
Flexible DC/DC pre-regulator allowing Buck or Buck-Boost
•
Optional Boost to improve system availability at cranking
•
Multiple output power supplies from 0.5 A up to 2.0 A
•
DC/DC voltage regulator to supply MCU core up to 1.5 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com