Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  KITMPC5744DBEVM Evaluation Daughter Board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Getting to Know the Hardware
KTMPC5744DBUG Rev. 1.0 2/2015
Freescale Semiconductor, Inc.
11
3.4.5
Reset Circuit
In the safety applications, the RESET pin of the MCU is controlled directly by the MC33907_8. The debugger must have a full control over
the RESET pin, for debugging purposes. Reset signals coming from the JTAG and Nexus debug interfaces are connected directly to the
reset of the MC33907_8, and this common signal ("RESET_PWSBC_B") is connected to the functional reset of the MCU. This means any
of the three signals can cause a functional reset of the MCU (see Figure 4 for details).
Figure 4. Reset Circuit
3.5
Interfacing with the Mother Board
3.5.1
Power Supplies
Power supply (power management) for the daughter board is completely provided by the mother board. Consequently, the mother board
must be configured in a compatible way.
Caution:
Incorrect configuration of power supplies can damage the MCU.
The flexibility of the MC33907_8 power management circuit provides more possible configurations in how to interface with the MPC5744P.
Two of them are described with the following.
1. The first configuration provides directly 1.2 V from the MC33907_8 to the VDD_LV_XX (for the cores and the PLL). In this
configuration, the external ballast populated on the daughter board is not used. This provides a more efficient solution, 1.2 V
will be provided directly from the DC-DC and not from an LDO (power is saved normally dissipated by the external ballast
transistor). Configuration is described in Table 7.
2. In the second case, the reference voltage for the ADC is configured to 5.0 V. The rest of the circuits are supplied from the
VCORE which is configured to provide 3.3 V. All the low voltage power supplies (VDD_LV_xx) are supplied from external
ballast providing 1.2 V from the VCORE (see Table 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com