Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP1880 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # PDSP1880
Description  Alphanumeric Programmable Display?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PDSP1880 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button PDSP1880 Datasheet HTML 5Page - OSRAM GmbH PDSP1880 Datasheet HTML 6Page - OSRAM GmbH PDSP1880 Datasheet HTML 7Page - OSRAM GmbH PDSP1880 Datasheet HTML 8Page - OSRAM GmbH PDSP1880 Datasheet HTML 9Page - OSRAM GmbH PDSP1880 Datasheet HTML 10Page - OSRAM GmbH PDSP1880 Datasheet HTML 11Page - OSRAM GmbH PDSP1880 Datasheet HTML 12Page - OSRAM GmbH PDSP1880 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PDSP1880, PDSP1881, PDSP1882, PDSP1883, PDSP1884
2006-03-30
9
Functional Description
The display's user interface is organized into five memory areas.
They are accessed using the Flash Input, FL, and address lines,
A3 and A4. All the listed RAMs and Registers may be read or writ-
ten through the data bus. See Table „Memory Selection“ (page 9).
Each input pin is described in Pin Definitions.
RST can be used to initialize display operation upon power up or
during normal operation. When activated, RST will clear the Flash
RAM and Control Word Register (00H) and reset the internal
counter. All eight display memory locations will be set to 20H to
show blanks in all digits.
FL pin enables access to the Flash RAM. The Flash RAM will set
(D0=1) or reset (D0=0) flashing of the character addressed by A0–
A2.
The 1 x 8 bit Control Word Register is loaded with attribute data if
A3=0.
The Control Word Logic decodes attribute data for proper imple-
mentation.
Character ROM is designed for 128 ASCII characters. The ROM
is Mask Programmable for custom fonts.
The Clock Source could either be the internal oscillator
(CLKSEL=1) of the device or an external clock (CLKSEL=0) could
be an input from another HDSP211X display for synchronizing
blinking for multiple displays.
The Display Multiplexer controls the Row Drivers so no additional
logic is required for a display system.
The Display has eight digits. Each digit has 35 LEDs.
Theory of Operation
The PDSP188X Display is designed to work with all major micro-
processors. Data entry is via an eight bit parallel bus. Three bits of
address route the data to the proper digit location in the RAM.
Standard control signals like WR and CE allow the data to be writ-
ten into the display.
D0–D7 data bits are used for both Character RAM and control
word data input. A3 acts as the mode selector. If A3=1, character
RAM is selected. Then input data bit D7 will determine whether
input data bits D0–D6 is ASCII coded data (D7=0) or UDC data
(D7=1). See section on „UDC Address Register and UDC RAM“
(page 10).
For normal operation FL pin should be held high. When FL is held
low, Flash RAM is accessed to set character blinking.
The seven bit ASCII code is decoded by the Character ROM to
generate Column data. Twenty columns worth of data is sent out
each display cycle, and it takes fourteen display cycles to write into
eight digits.
The rows are multiplexed in two sets of seven rows each. The
internal timing and control logic synchronizes the turning on of
rows and presentation of column data to assure proper display
operation.
Power Up Sequence
Upon power up the display will come on at random. Thus the dis-
play should be reset on power-up. Reset will clear the Flash
RAM, Control Word Register and reset the internal counter. All
the digits will show blanks and display brightness level will be
100%.
The display must not be accessed until three clock pulses (110 µs
minimum using the internal clock) after the rising edge of the reset
line.
Microprocessor Interface
The interface to a microprocessor is through the 8-bit data bus
(D0–D7), the 4-bit address bus (A0–A3) and control lines FL , CE
and WR.
To write data (ASCII/Control Word) into the display CE should be
held low, address and data signals stable and WR should be
brought low. The data is written on the low to high transition of
WR.
The Control Word is decoded by the Control Word Decode Logic.
Each code has a different function. The code for display brightness
changes the duty cycle for the column drivers. The peak LED cur-
rent stays the same but the average LED current diminishes
depending on the intensity level.
The character Flash Enable causes 2.0 Hz coming out of the
counter to be ANDED with the column drive signal to make the col-
umn driver cycle at 2.0 Hz. Thus the character flashes at 2.0 Hz.
Five Basic Memory Areas
Character RAM
Stores either ASCII (Katakana)
character data or an UDC RAM
address
Flash RAM
1 x 8 RAM which stores Flash data
User-Defined
Character RAM
(UDC RAM)
Stores dot pattern for custom
characters
User-Defined Address
Register (UDC Address
Register)
Provides address to UDC RAM
when user is writing or reading
custom character
Control Word
Register
Enables adjustment of display
brightness, flash individual
characters, blink, self test or clearing
the display
Memory Selection
FL
A4
A3
Section of Memory
A2–A0
Data Bits Used
0X
X
Flash RAM
Character Address
D0
10
0
UDC Address Register
Don’t Care
D3–D0
10
1
UDC RAM
Row Address
D4–D0
11
1
Character RAM
Character Address
D7–D0
11
0
Control Word Register
Don’t Care
D7–D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com