Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP1880 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # PDSP1880
Description  Alphanumeric Programmable Display?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PDSP1880 Datasheet(HTML) 1 Page - OSRAM GmbH

  PDSP1880 Datasheet HTML 1Page - OSRAM GmbH PDSP1880 Datasheet HTML 2Page - OSRAM GmbH PDSP1880 Datasheet HTML 3Page - OSRAM GmbH PDSP1880 Datasheet HTML 4Page - OSRAM GmbH PDSP1880 Datasheet HTML 5Page - OSRAM GmbH PDSP1880 Datasheet HTML 6Page - OSRAM GmbH PDSP1880 Datasheet HTML 7Page - OSRAM GmbH PDSP1880 Datasheet HTML 8Page - OSRAM GmbH PDSP1880 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Lead (Pb) Free Product - RoHS Compliant
Red
PDSP1880
Yellow
PDSP1881
High Efficiency Red
PDSP1882
Green
PDSP1883
High Efficiency Green
PDSP1884
4.70 mm (0.180’’) 8-Character 5x7 Dot Matrix
Alphanumeric Programmable Display™
2006-03-30
1
DESCRIPTION
The PDSP1880 (Red), PDSP1881 (Yellow), PDSP1882
(High Efficiency Red), PDSP1883 (Green), and
PDSP1884 (High Efficiency Green) are eight digit,
5 x 7 dot matrix, alphanumeric Programmable Displays.
The 4.70 mm (0.180’’) high digits are packaged in a rug-
ged, high quality, optically transparent, 7.62 mm (0.300’’)
lead spacing, 30 pin plastic DIP.
The on-board CMOS has a built-in 128 character ROM.
The PDSP188X also has a user definable character
(UDC) feature, which uses a RAM that permits storage of
16 arbitrary characters, symbols or icons that are soft-
ware-definable by the user. The character ROM itself is
mask programmable and easily modified by the manufac-
turer to provide specified custom characters.
The PDSP188X is designed for standard microprocessor
interface techniques, and is fully TTL compatible. The
Clock I/O and Clock Select pins allow the user to cas-
cade multiple display modules.
ESD Warning:
Standard precautions for
CMOS handling should be
observed.
FEATURES
Eight 4.70 mm (0.180") Dot Matrix Characters in Red,
Yellow, High Efficiency Red, Green, or
High Efficiency Green
Built-in 128 Character ROM,
Mask Programmable for Custom Fonts
Readable from 2.5 meters (8 Feet)
Built-in Decoders, Multiplexers and Drivers
Wide Viewing Angle, X Axis ± 55°, Y Axis 65°
Programmable Features:
Individual Flashing Character
Full Display Blinking
Multi-Level Dimming and Blanking
Clear Function
Self Test
Internal or External Clock
End Stackable Dual-In-Line Plastic Package
Read/Write Capability
16 User Definable Characters


Similar Part No. - PDSP1880

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP1601 MITEL-PDSP1601 Datasheet
137Kb / 17P
ALU and Barrel Shifter
PDSP1601 MITEL-PDSP1601 Datasheet
142Kb / 18P
ALU and Barrel Shifter
logo
Zarlink Semiconductor I...
PDSP1601 ZARLINK-PDSP1601 Datasheet
456Kb / 9P
16 X 12 BIT COMPLEX MULTIPLIER
PDSP1601 ZARLINK-PDSP1601 Datasheet
121Kb / 16P
ALU and Barrel Shifter
PDSP1601 ZARLINK-PDSP1601 Datasheet
149Kb / 18P
16 by 16 Bit Complex Multiplier
More results

Similar Description - PDSP1880

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PD243X OSRAM-PD243X Datasheet
146Kb / 7P
Alphanumeric Programmable Display
logo
List of Unclassifed Man...
QBAD54R1 ETC2-QBAD54R1 Datasheet
505Kb / 10P
Alphanumeric Display
QBAS50R1 ETC2-QBAS50R1 Datasheet
501Kb / 10P
Alphanumeric Display
QBAS80XXZ ETC2-QBAS80XXZ Datasheet
468Kb / 10P
Alphanumeric Display
QBAS230R1 ETC2-QBAS230R1 Datasheet
483Kb / 10P
Alphanumeric Display
QBASS40YG1 ETC2-QBASS40YG1 Datasheet
587Kb / 10P
Alphanumeric SMD Display
QBAD54R1 ETC1-QBAD54R1 Datasheet
505Kb / 10P
Alphanumeric Display
QBAS50R1 ETC1-QBAS50R1 Datasheet
468Kb / 10P
Alphanumeric Display
QBAS230R1 ETC1-QBAS230R1 Datasheet
483Kb / 10P
Alphanumeric Display
QBASS40YGZ ETC1-QBASS40YGZ Datasheet
587Kb / 10P
Alphanumeric SMD Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com