Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP1880 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # PDSP1880
Description  Alphanumeric Programmable Display?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PDSP1880 Datasheet(HTML) 4 Page - OSRAM GmbH

  PDSP1880 Datasheet HTML 1Page - OSRAM GmbH PDSP1880 Datasheet HTML 2Page - OSRAM GmbH PDSP1880 Datasheet HTML 3Page - OSRAM GmbH PDSP1880 Datasheet HTML 4Page - OSRAM GmbH PDSP1880 Datasheet HTML 5Page - OSRAM GmbH PDSP1880 Datasheet HTML 6Page - OSRAM GmbH PDSP1880 Datasheet HTML 7Page - OSRAM GmbH PDSP1880 Datasheet HTML 8Page - OSRAM GmbH PDSP1880 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PDSP1880, PDSP1881, PDSP1882, PDSP1883, PDSP1884
2006-03-30
4
Enlarged Character Format
Dimensions in mm (inch)
Write Cycle Timing Diagram
IDOD5015
C3
C0 C1 C2
C4
2.49 (0.098)
0.56 (0.022) typ.
R7
R4
R6
R5
R1
R2
R3
Switching Specifications
(over operating temperature range and V
CC=4.5 V)
Symbol
Description
Min.
Units
T
acc
Display Access Time—Write
210
ns
T
acc
Display Access Time—Read
230
ns
T
acs
Address Setup Time to CE
10
ns
T
ce
Chip Enable Active Time—Write
140
ns
T
ce
Chip Enable Active Time—Read
160
ns
T
ach
Address Hold Time to CE
20
ns
T
cer
Chip Enable Recovery Time
60
ns
T
ces
Chip Enable Active Prior to
Rising Edge—Write
140
ns
T
ces
Chip Enable Active Prior to
Rising Edge—Read
160
ns
T
ceh
Chip Enable Hold to Rising Edge
of Read/Write Signal
0
ns
T
w
Write Active Time
100
ns
T
wd
Data Valid Prior to
Rising Edge of Write Signal
50
ns
T
dh
Data Write Time
20
ns
T
r
Chip Enable Active Prior to Valid
Data
160
ns
T
rd
Read Active Prior to Valid Data
95
ns
T
df
Read Data Float Delay
10
ns
T
rc
Reset Active Time
300
ns
Tacc
Twd
Tdh
Tw
Tces
Tcer
Tceh
Tacs
Tach
Tacs
A0-A3
FL
Tce
CE
WR
D0-D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com