Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP1880 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # PDSP1880
Description  Alphanumeric Programmable Display?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PDSP1880 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button PDSP1880 Datasheet HTML 7Page - OSRAM GmbH PDSP1880 Datasheet HTML 8Page - OSRAM GmbH PDSP1880 Datasheet HTML 9Page - OSRAM GmbH PDSP1880 Datasheet HTML 10Page - OSRAM GmbH PDSP1880 Datasheet HTML 11Page - OSRAM GmbH PDSP1880 Datasheet HTML 12Page - OSRAM GmbH PDSP1880 Datasheet HTML 13Page - OSRAM GmbH PDSP1880 Datasheet HTML 14Page - OSRAM GmbH PDSP1880 Datasheet HTML 15Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
PDSP1880, PDSP1881, PDSP1882, PDSP1883, PDSP1884
2006-03-30
12
The second routine provides a visual test of the LEDs. This is
accomplished by writing checkered and inversed checkered pat-
terns to the display. Each pattern is displayed for approximately
2.0 sec. During the self test function the display must not be
accessed. The time needed to execute the self test function is cal-
culated by multiplying the clock time by 262,144 (typical
time
≈ 4.6 s). At the end of the self test, the Character RAM is
loaded with blanks; the Control Word Register is set to zeroes
except D5; the Flash RAM is cleared and the UDC Address Regis-
ter is set to all 1.0 sec.
Clear Function (see Figure „Control Word Data Definition“
(page 12) and Table „Clear Function“ (page 12))
Control Word bit, D7 clears the character RAM to 20 hex and the
flash RAM to all zeroes. The RAMs are cleared within three clock
cycles (110 µs minimum, using the internal clock) when D7 is set
to 1. During the clear time the display must not be accessed.
When the clear function is finished, bit 7 of the Control Word RAM
will be reset to a “0”.
Reset Function
The display should be reset on power up of the display
(RST=LOW). When the display is reset, the Character RAM, Flash
RAM, and Control Word Register are cleared.
The display's internal counters are reset. Reset cycle takes three
clock cycles (110 µs minimum using the internal clock). The dis-
play must not be accessed during this time.
To synchronize the flashing and blinking of multiple displays, it is
necessary for the display to use a common clock source and reset
all the displays at the same time to start the internal counters at
the same place.
While RST is low, the display must not be accessed by RD nor
WR.
Control Word Data Definition
Key
C
Clear Function
ST
Self test
BL
Blink function
FL
Flash function
Br
Brightness control
IDCW5161
Function
Blink
Self Test
Function
Brightness Control
D7
D6
D5
D4
D3
D2
D1
D0
D1 D0 Brightness Control
100% Brightness
00
80% Brightness
01
1
53% Brightness
0
1
40% Brightness
1
Disabled
Flash Function
D3
0
Enabled
1
Enabled (overrides Flash Function)
Disabled
Blink Function
D4
1
0
Normal Operation (X = bit ignored)
R
D5
X
Run Self Test, R = Test Result (1 = pass, 0 = fail)
Self Test
Clear Flash RAM & Character RAM (Character RAM = 20 Hex)
Normal Operation
0
1
Clear Function
D7
Clear
Flash
Function
D2
0
0
0
0
27% Brightness
Blank Display
11
1
1
1
0
10
1
0
0
20% Brightness
13% Brightness
0
0
1
D6
Clear Function
CE
WR
FL
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Operation
0
0
0
0
1
1
0
0
X
X
X
X
X
X
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Clear disabled
Clear user RAM, flash RAM
and display
X=don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com