Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD586 Datasheet(PDF) 4 Page - Analog Devices

Part # AD586
Description  Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586 Datasheet(HTML) 4 Page - Analog Devices

  AD586 Datasheet HTML 1Page - Analog Devices AD586 Datasheet HTML 2Page - Analog Devices AD586 Datasheet HTML 3Page - Analog Devices AD586 Datasheet HTML 4Page - Analog Devices AD586 Datasheet HTML 5Page - Analog Devices AD586 Datasheet HTML 6Page - Analog Devices AD586 Datasheet HTML 7Page - Analog Devices AD586 Datasheet HTML 8Page - Analog Devices AD586 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
AD5762R
Preliminary Technical Data
Rev. PrA | Page 4 of 33
SPECIFICATIONS
AVDD = 11.4 V to 16.5 V, AVSS = −11.4 V to −16.5 V, AGND = DGND = REFGND = PGND = 0 V; REFA, REFB = 5 V external;
DVCC = 2.7 V to 5.25 V, RLOAD = 10 kΩ, CL = 200 pF. All specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
C Grade2
Unit
Test Conditions/Comments
ACCURACY
Outputs unloaded
Resolution
16
Bits
Relative Accuracy (INL)
±1
LSB max
Differential Nonlinearity
±1
LSB max
Guaranteed monotonic
Bipolar Zero Error
±2
mV max
At 25°C; error at other temperatures
obtained using bipolar zero TC
Bipolar Zero TC3
±2
ppm FSR/°C max
Zero-Scale Error
±2
mV max
At 25°C; error at other temperatures
obtained using zero scale TC
Zero-Scale TC3
±2
ppm FSR/°C max
Gain Error
±0.02
% FSR max
At 25°C; error at other temperatures
obtained using gain TC
Gain TC3
±2
ppm FSR/°C max
DC Crosstalk3
0.5
LSB max
REFERENCE INPUT/OUTPUT
Reference Input3
Reference Input Voltage
5
V nominal
±1% for specified performance
DC Input Impedance
1
MΩ min
Typically 100 MΩ
Input Current
±10
µA max
Typically ±30 nA
Reference Range
1/7
V min/V max
Reference Output
Output Voltage
4.997/5.003
V min/V max
At 25°C
Reference TC
±10
ppm/°C max
Load3
1
M
Ω min
Output Noise3
(0.1 Hz to 10 Hz)
18
µV p-p typ
Noise Spectral Density3
75
nV/√Hz typ
At 10 kHz
Output Voltage Drift vs. Time
±40
ppm/500hr typ
Output Voltage Drift vs. Time
±50
ppm/1000hr typ
Line Regulation
TBD
ppm/V typ
Load Regulation
TBD
ppm/mA typ
Thermal Hysteresis
TBD
ppm typ
OUTPUT CHARACTERISTICS3
Output Voltage Range4
±10.5263
V min/V max
AVDD/AVSS = ±11.4 V, REFA, REFB = 5V
±14
V min/V max
AVDD/AVSS = ±16.5 V, REFA, REFB = 7V
Output Voltage Drift vs. Time
±13
ppm FSR/500 hours typ
±15
ppm FSR/1000 hours typ
Short Circuit Current
10
mA typ
RISCC = 6 kΩ, see Figure 31
Load Current
±1
mA max
For specified performance
Capacitive Load Stability
RL = ∞
200
pF max
RL = 10 kΩ
1000
pF max
DC Output Impedance
0.3
Ω max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com