Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD586 Datasheet(PDF) 16 Page - Analog Devices

Part # AD586
Description  Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD586 Datasheet HTML 12Page - Analog Devices AD586 Datasheet HTML 13Page - Analog Devices AD586 Datasheet HTML 14Page - Analog Devices AD586 Datasheet HTML 15Page - Analog Devices AD586 Datasheet HTML 16Page - Analog Devices AD586 Datasheet HTML 17Page - Analog Devices AD586 Datasheet HTML 18Page - Analog Devices AD586 Datasheet HTML 19Page - Analog Devices AD586 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
AD5762R
Preliminary Technical Data
Rev. PrA | Page 16 of 33
0.15
0.10
0.05
–0.25
–0.20
–0.15
–0.10
–0.05
0
–40
100
–20
0
20
40
60
80
TEMPERATURE (°C)
TA = 25°C
VDD/VSS = ±15V
REFIN = 5V
Figure 13. Differential Nonlinearity Error vs. Temperature,
VDD/VSS = ±15 V
0.15
0.10
0.05
–0.25
–0.20
–0.15
–0.10
–0.05
0
–40
100
–20
0
20
40
60
80
TEMPERATURE (°C)
TA = 25°C
VDD/VSS = ±12V
REFIN = 5V
Figure 14. Differential Nonlinearity Error vs. Temperature,
VDD/VSS = ±12 V
0.5
0.4
0.3
0.2
0.1
0
–0.2
–0.1
11.4
16.4
15.4
14.4
13.4
12.4
SUPPLY VOLTAGE (V)
TA = 25°C
REFIN = 5V
Figure 15. Integral Nonlinearity Error vs. Supply Voltage
0.15
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
11.4
16.4
15.4
14.4
13.4
12.4
SUPPLY VOLTAGE (V)
TA = 25°C
REFIN = 5V
Figure 16. Differential Nonlinearity Error vs. Supply Voltage
0.8
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
17
56
4
3
2
REFERENCE VOLTAGE (V)
TA = 25°C
Figure 17. Integral Nonlinearity Error vs. Reference Voltage, VDD/VSS =
±16.5 V
0.4
0.3
0.2
0.1
–0.4
–0.3
–0.2
–0.1
0
17
56
4
3
2
REFERENCE VOLTAGE (V)
TA = 25°C
Figure 18. Differential Nonlinearity Error vs. Reference Voltage, VDD/VSS =
±16.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com