Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD586 Datasheet(PDF) 12 Page - Analog Devices

Part # AD586
Description  Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD586 Datasheet HTML 8Page - Analog Devices AD586 Datasheet HTML 9Page - Analog Devices AD586 Datasheet HTML 10Page - Analog Devices AD586 Datasheet HTML 11Page - Analog Devices AD586 Datasheet HTML 12Page - Analog Devices AD586 Datasheet HTML 13Page - Analog Devices AD586 Datasheet HTML 14Page - Analog Devices AD586 Datasheet HTML 15Page - Analog Devices AD586 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
AD5762R
Preliminary Technical Data
Rev. PrA | Page 12 of 33
Pin No.
Mnemonic
Description
19
VOUTB
Analog Output Voltage of DAC B. Buffered output with a nominal full-scale output range
of ±10 V. The output amplifier is capable of directly driving a 10 kΩ, 200 pF load.
20
AGNDB
Ground Reference Pin for DAC B Output Amplifier.
21
AGNDA
Ground Reference Pin for DAC A Output Amplifier.
22
VOUTA
Analog Output Voltage of DAC A. Buffered output with a nominal full-scale output range
of ±10 V. The output amplifier is capable of directly driving a 10 kΩ, 200 pF load.
23
NC
Do not connect to this pin
24
NC
Do not connect to this pin
25
REFA
External Reference Voltage. Reference input range is 1 V to 7 V; programs the full-
scale output voltage. REFA = 5 V for specified performance.
26
REFB
External Reference Voltage. Reference input range is 1 V to 7 V; programs the full-
scale output voltage. REFB = 5 V for specified performance.
27
REFOUT
Reference Output. This is the reference output from the internal voltage reference.
The internal reference is 5 V ± 3 mV at 25°C, with a reference tempco of 10 ppm/°C.
28
REFGND
Reference Ground Return for the Reference Generator and Buffers.
29
TEMP
This pin provides an output voltage proportional to temperature. The output voltage
is 1.4 V typical at 25°C die temperature; variation with temperature is 5 mV/°C.
32
BIN/2sCOMP
Determines the DAC Coding. This pin should be hardwired to either DVCC or DGND.
When hardwired to DVCC, input coding is offset binary. When hardwired to DGND,
input coding is twos complement (see Table 6).
1 Internal pull-up device on this logic input. Therefore, it can be left floating and defaults to a logic high condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com