Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD586 Datasheet(PDF) 31 Page - Analog Devices

Part # AD586
Description  Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD586 Datasheet HTML 25Page - Analog Devices AD586 Datasheet HTML 26Page - Analog Devices AD586 Datasheet HTML 27Page - Analog Devices AD586 Datasheet HTML 28Page - Analog Devices AD586 Datasheet HTML 29Page - Analog Devices AD586 Datasheet HTML 30Page - Analog Devices AD586 Datasheet HTML 31Page - Analog Devices AD586 Datasheet HTML 32Page - Analog Devices AD586 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
Preliminary Technical Data
AD5762R
Rev. PrA | Page 31 of 33
When data is being transmitted to the AD5762R, the SYNC line
(PC7) is taken low and data is transmitted MSB first. Data
appearing on the MOSI output is valid on the falling edge of
SCK. Eight falling clock edges occur in the transmit cycle, so, in
order to load the required 24-bit word, PC7 is not brought high
until the third 8-bit word has been transferred to the DACs
input shift register.
MC68HC111
1ADDITIONAL PINS OMITTED FOR CLARITY
AD5762R1
SDO
MISO
SDIN
MOSI
SCLK
SCK
SYNC
PC7
Figure 44. AD5762R to MC68HC11 Interface
LDAC is controlled by the PC6 port output. The DAC can be
updated after each 3-byte transfer by bringing LDAC low. This
example does not show other serial lines for the DAC. For
example, if CLR were used, it could be controlled by port
output PC5.
AD5762R to 8XC51 Interface
The AD5762R requires a clock synchronized to the serial data.
For this reason, the 8XC51 must be operated in Mode 0. In this
mode, serial data enters and exits through RXD, and a shift
clock is output on TXD.
P3.3 and P3.4 are bit programmable pins on the serial port and
are used to drive SYNC and LDAC, respectively. The 8CX51
provides the LSB of its SBUF register as the first bit in the data
stream. The user must ensure that the data in the SBUF register
is arranged correctly, because the DAC expects MSB first. When
data is to be transmitted to the DAC, P3.3 is taken low. Data on
RXD is clocked out of the microcontroller on the rising edge of
TXD and is valid on the falling edge. As a result, no glue logic is
required between this DAC and the microcontroller interface.
8XC511
1ADDITIONAL PINS OMITTED FOR CLARITY
AD5762R1
SCLK
TxD
SDIN
RxD
SYNC
P3.3
LDAC
P3.4
Figure 45. AD5762R to 8XC51 Interface
The 8XC51 transmits data in 8-bit bytes with only eight falling
clock edges occurring in the transmit cycle. Because the DAC
expects a 24-bit word, SYNC (P3.3) must be left low after the
first eight bits are transferred. After the third byte has been
transferred, the P3.3 line is taken high. The DAC can be
updated using LDAC via P3.4 of the 8XC51.
AD5762R to ADSP2101/ADSP2103 Interface
An interface between the AD5762R and the ADSP2101/
ADSP2103 is shown in Figure 46. The ADSP2101/ ADSP2103
should be set up to operate in the SPORT transmit alternate
framing mode. The ADSP2101/ADSP2103 are programmed
through the SPORT control register and should be configured
as follows: internal clock operation, active low framing, and 24-
bit word length.
Transmission is initiated by writing a word to the TX register
after the SPORT has been enabled. As the data is clocked out of
the DSP on the rising edge of SCLK, no glue logic is required to
interface the DSP to the DAC. In the interface shown, the DAC
output is updated using the LDAC pin via the DSP. Alterna-
tively, the LDAC input could be tied permanently low, and then
the update takes place automatically when TFS is taken high.
SCLK
SDIN
SYNC
DT
SCLK
RFS
ADSP2101/
ADSP21031
1ADDITIONAL PINS OMITTED FOR CLARITY
SDO
DR
TFS
LDAC
FO
AD5762R1
Figure 46. AD5762R to ADSP2101/ADSP2103 Interface
AD5762R to PIC16C6x/7x Interface
The PIC16C6x/7x synchronous serial port (SSP) is configured
as an SPI master with the clock polarity bit set to 0. This is done
by writing to the synchronous serial port control register
(SSPCON). See the PIC16/17 Microcontroller User Manual. In
this example, I/O port RA1 is being used to pulse SYNC and
enable the serial port of the AD5762R. This microcontroller
transfers only eight bits of data during each serial transfer
operation; therefore, three consecutive write operations are
needed. Figure 47 shows the connection diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com