Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAG67F Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LAG67F
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAG67F Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LAG67F Datasheet HTML 3Page - OSRAM GmbH LAG67F Datasheet HTML 4Page - OSRAM GmbH LAG67F Datasheet HTML 5Page - OSRAM GmbH LAG67F Datasheet HTML 6Page - OSRAM GmbH LAG67F Datasheet HTML 7Page - OSRAM GmbH LAG67F Datasheet HTML 8Page - OSRAM GmbH LAG67F Datasheet HTML 9Page - OSRAM GmbH LAG67F Datasheet HTML 10Page - OSRAM GmbH LAG67F Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LA G67F
2006-10-30
7
Durchlassstrom
2) 7) Seite 15
Forward Current
2) 7)
page 15
I
F = f (VF); TA = 25 °C
Relative Vorwärtsspannung
2) Seite 15
Relative Forward Voltage
2)
page 15
∆V
F = VF - VF(25 °C) = f (Tj); IF = 140 mA
Relative Lichtstärke
2) 7) Seite 15
Relative Luminous Intensity
2) 7)
page 15
I
V/IV(140 mA) = f (IF); TA = 25 °C
Relative Lichtstärke
2) Seite 15
Relative Luminous Intensity
2)
page 15
I
V/IV(25 °C) = f (Tj); IF = 140 mA
V
OHL01540
1.6
mA
I
F
V
F
10
0
10
3
5
1
10
2
10
5
5
1.8
2.0
2.2
2.4
2.6
-60
-0.3
-0.2
-0.1
0
-20
-40
0
20
0.5
T
f
V
∆ (
0.3
0.2
0.1
= 25 ˚C)
j
V
j
T
˚C
60
40
100
OHL02073
V
V (140 mA)
1
10
10 2
mA
OHL01283
F
I
I
I
5
0
-1
10
10
5
1
10
OHL02306
-60
0
T
V (25 ˚C)
I
I
V
j
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-40 -20
0
20 40 60
˚C 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com