Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAG67F Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LAG67F
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAG67F Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LAG67F Datasheet HTML 5Page - OSRAM GmbH LAG67F Datasheet HTML 6Page - OSRAM GmbH LAG67F Datasheet HTML 7Page - OSRAM GmbH LAG67F Datasheet HTML 8Page - OSRAM GmbH LAG67F Datasheet HTML 9Page - OSRAM GmbH LAG67F Datasheet HTML 10Page - OSRAM GmbH LAG67F Datasheet HTML 11Page - OSRAM GmbH LAG67F Datasheet HTML 12Page - OSRAM GmbH LAG67F Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LA G67F
2006-10-30
9
Maßzeichnung
8) Seite 15
Package Outlines
8)
page 15
Gewicht / Approx. weight:
40 mg
Gurtung / Polarität und Lage
8) Seite 15
Verpackungseinheit 1000/Rolle, ø180 mm
oder 4000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation
8)
page 15
Packing unit 1000/reel, ø180 mm
or 4000/reel, ø330 mm
0...0.15 (0.006)
A
A
0.5 (0.020)
0.7 (0.028)
0.3 (0.012)
0.5 (0.020)
C
0.5 (0.020)
0.7 (0.028)
2.6 (0.102)
A
2.8 (0.110)
A
3.1 (0.122)
3.5 (0.138)
marking
Package
AA
C
GPLY6099
1.6 (0.062)
2.0 (0.078)
A
A
2 (0.079)
3.5 (0.138)
8 (0.315)
4 (0.157)
1.5 (0.059)
A
A
0.3 (0.012) max.
OHTY0039
2.05 (0.081)
AC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com