Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO/DPO5034/B Datasheet(PDF) 19 Page - TEKTRONIX, INC.

Part # MSO/DPO5034/B
Description  Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

MSO/DPO5034/B Datasheet(HTML) 19 Page - TEKTRONIX, INC.

Back Button MSO/DPO5034/B Datasheet HTML 15Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 16Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 17Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 18Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 19Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 20Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 21Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 22Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 23Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Pulse measurement accuracy
(typical) 10
Average on power
±0.3 dB + Absolute Amplitude Accuracy of oscilloscope
Average transmitted power
±0.4 dB + Absolute Amplitude Accuracy of oscilloscope
Peak power
±0.4 dB + Absolute Amplitude Accuracy of oscilloscope
Pulse width
±(3% of reading + 0.5 × sample period)
Pulse repetition rate
±(3% of reading + 0.5 × sample period)
Digital modulation analysis (SVM)
Modulation formats
π/2DBPSK, BPSK, SBPSK, QPSK, DQPSK, π/4DQPSK, D8PSK, 8PSK, OQPSK, SOQPSK, CPM, 16/32/64/128/256QAM, MSK,
GMSK, GFSK, 2-FSK, 4-FSK, 8-FSK, 16-FSK, C4FM, D16PSK, 16APSK, and 32APSK
Analysis period
Up to 80,000 samples
Measurement filters
Square-root raised cosine, raised cosine, Gaussian, rectangular, IS-95, IS-95 EQ, C4FM-P25, half-sine, None, User Defined
Reference filters
Raised cosine, Gaussian, rectangular, IS-95, SBPSK-MIL, SOQPSK-MIL, SOQPSK-ARTM, None, User Defined
Alpha/B x T range
0.001 to 1, 0.001 step
Constellation, Error vector magnitude (EVM) vs time, Modulation error ratio (MER), Magnitude error vs time, Phase error vs time,
Signal quality, Symbol table
rhoFSK only: Frequency deviation, Symbol timing error
Symbol rate range
1 kS/s to (0.4 * Sample Rate) GS/s (modulated signal must be contained entirely within the acquisition bandwidth)
Adaptive equalizer
Type
Linear, decision-directed, feed-forward (FIR) equalizer with coefficient adaptation and adjustable convergence rate
Modulation types supported
π/2 DBPSK, BPSK, SBPSK, QPSK, DQPSK, π/4 DQPSK, D8PSK, 8PSK, D16PSK, OQPSK, SOQPSK, CPM,
16/32/64/128/256QAM, MSK, 2-FSK, 4-FSK, 8-FSK, 16-FSK, C4FM
Reference filters for all
modulation types except
OQPSK
Raised Cosine, Rectangular, None
Reference filters for OQPSK
Raised Cosine, Half Sine
Filter length
1-128 taps
Taps/symbol: raised cosine,
half sine, no filter
1, 2, 4, 8
Taps/symbol: rectangular filter 1
Equalizer controls
Off, Train, Hold, Reset
16QAM Residual EVM (typical) for
DPO7000 and DPO/DSA/MSO70000
series 11
Symbol Rate
RF
IQ
100 MS/s
<2.0%
<2.0%
312.5 MS/s
<3.0%
<3.0%
10
Conditions: Pulse Width > 450 ns, S/N Ratio ≥30 dB, Duty Cycle 0.5 to 0.001, Temperature 18 °C to 28 °C.
11
CF = 1 GHz, Measurement Filter = root raised cosine, Reference Filter = raised cosine, Analysis Length = 200 symbols.
Datasheet
Advanced Pulse measurement suite (SVP)
www.tek.com 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com