Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO/DPO5034/B Datasheet(PDF) 14 Page - TEKTRONIX, INC.

Part # MSO/DPO5034/B
Description  Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

MSO/DPO5034/B Datasheet(HTML) 14 Page - TEKTRONIX, INC.

Back Button MSO/DPO5034/B Datasheet HTML 10Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 11Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 12Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 13Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 14Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 15Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 16Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 17Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 18Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Bluetooth Basic LE Tx
Measurements (SV27)
Peak Power, Average Power, Adjacent Channel Power or InBand Emission mask, -20dB Bandwidth, Frequency Error, Modulation
Characteristics including ΔF1avg (11110000), ΔF2avg (10101010), ΔF2 > 115 kHz, ΔF2/ΔF1 ratio, frequency deviation vs. time
with packet and octet level measurement information, Carrier Frequency f0, Frequency Offset (Preamble and Payload), Max
Frequency Offset, Frequency Drift f1-f0, Max Drift Rate fn-f0 and fn-fn-5, Center Frequency Offset Table and Frequency Drift table,
color-coded Symbol table, Packet header decoding information, eye diagram, constellation diagram, editable limits
LTE Downlink RF
measurements (SV28)
Adjacent Channel Leakage Ratio (ACLR), Spectrum Emission Mask (SEM), Channel Power, Occupied Bandwidth, Power vs. Time
displaying Transmitter OFF power for TDD signals and LTE constellation diagram for PSS, SSS with Cell ID, Group ID, Sector ID
and Frequency Error.
RF and spectrum analysis performance
Resolution bandwidth
Resolution bandwidth
(spectrum analysis)
1, 2, 3, 5 sequence, auto-coupled, or user selected (arbitrary)
Resolution bandwidth shape
Approximately Gaussian, shape factor 4.1:1 (60:3 dB) ±10%, typical
Resolution bandwidth
accuracy
±1% (auto-coupled RBW mode)
Alternative resolution
bandwidth types
Kaiser window (RBW), –6 dB Mil, CISPR, Blackman-Harris 4B window, Uniform window (none), flat-top window (CW ampl.),
Hanning window
Video bandwidth
Video bandwidth range
Dependent on oscilloscope record length setting. approximately 500 Hz to 5 MHz
RBW/VBW maximum
10,000:1
RBW/VBW minimum
1:1
Resolution
5% of entered value
Accuracy (typical)
±10%
Time domain bandwidth
(amplitude vs. time display)
Time domain bandwidth range At least 1/2 to 1/10,000 of acquisition bandwidth
Time domain bandwidth shape Approximately Gaussian, shape factor 4.1:1(60:3 dB), ±10% typical
Shape factor <2.5:1 (60:3 dB) typical for all bandwidths
Time domain bandwidth
accuracy
±10%
Spectrum display traces,
detectors, and functions
Traces
Three traces + 1 math trace + 1 trace from spectrogram for spectrum display
Detector
Peak, –peak, average, CISPR peak
Trace functions
Normal, Average, Max Hold, Min Hold
Spectrum trace length
801, 2401, 4001, 8001, or 10401 points
SignalVu-PC-SVE Vector Signal Analysis Software
Performance (typical)
14 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com