Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO/DPO5034/B Datasheet(PDF) 8 Page - TEKTRONIX, INC.

Part # MSO/DPO5034/B
Description  Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

MSO/DPO5034/B Datasheet(HTML) 8 Page - TEKTRONIX, INC.

Back Button MSO/DPO5034/B Datasheet HTML 4Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 5Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 6Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 7Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 8Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 9Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 10Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 11Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 12Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Advanced Pulse analysis
The Advanced Pulse Analysis package (SVP) provides 31 individual
measurements to automatically characterize long pulse trains. An 800 MHz
wide LFM chirp centered at 18 GHz is seen here with measurements for
pulses 7 through 18 (upper right). The shape of the pulse can be seen in
the Amplitude vs Time plot shown in the upper left. Detailed views of pulse
#8's frequency deviation and parabolic phase trajectory are shown in the
lower two views.
Cumulative statistics provides timestamps for Min, Max values as well as Peak to Peak,
Average and Standard deviation over multiple acquisitions, further extending the
analysis. Histogram shows you outliers on the right and left.
Pulse-Ogram displays a waterfall of multiple segmented captures, with correlated
amplitude vs time and spectrum of each pulse. Can be used with an external trigger to
show target range and speed.
Education license
Qualified educational facilities can cost-effectively use SignalVu-PC in
teaching environments. The specially priced education version includes all
available analysis standard and provides results watermarked 'Education
Version'.
Measurement functions
Spectrum analyzer measurements
(base software)
Channel power, Adjacent channel
power, Multicarrier adjacent channel
Power/Leakage ratio, Occupied
bandwidth, xdB down, Marker
measurements of power, delta power,
integrated power, power density, dBm/
Hz, and dBc/Hz, Signal strength with
audible feedback.
Time domain and statistical
measurements
(base software)
RF IQ vs time, Amplitude vs time, Power
vs time, Frequency vs time, Phase vs
time, CCDF, Peak-to-Average ratio,
Amplitude, Frequency, and Phase
modulation analysis.
WLAN 802.11a/b/g/j/p measurement
application (SV23)
All of the RF transmitter measurements
as defined in the IEEE standard, and a
wide range of additional scalar
measurements such as Carrier
Frequency error, Symbol Timing error,
Average/peak burst power, IQ Origin
Offset, RMS/Peak EVM, and analysis
displays, such as EVM and Phase/
Magnitude Error vs time/frequency or vs
symbols/ subcarriers, as well as packet
header decoded information and symbol
table.
SV24 requires SV23.
SV25 requires SV24.
WLAN 802.11n measurement
application (SV24)
WLAN 802.11ac measurement
application (SV25)
APCO P25 compliance testing and
analysis application (SV26)
Complete set of push-button
TIA-102 standard-based transmitter
measurements with pass/fail results
including ACPR, transmitter power and
encoder attack times, transmitter
throughput delay, frequency deviation,
modulation fidelity, symbol rate
accuracy, and transient frequency
behavior, as well as HCPM transmitter
logical channel peak ACPR, off slot
power, power envelope, and time
alignment.
Bluetooth Basic LE TX SIG
measurements (SV27)
Presets for transmitter measurements
defined by Bluetooth SIG for Basic Rate
and Bluetooth Low Energy. Results also
include Pass/Fail information.
Application also provides Packet Header
Field Decoding and can automatically
detect the standard including Enhanced
Data Rate.
SignalVu-PC-SVE Vector Signal Analysis Software
8 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com