Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO/DPO5034/B Datasheet(PDF) 20 Page - TEKTRONIX, INC.

Part # MSO/DPO5034/B
Description  Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

MSO/DPO5034/B Datasheet(HTML) 20 Page - TEKTRONIX, INC.

Back Button MSO/DPO5034/B Datasheet HTML 16Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 17Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 18Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 19Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 20Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 21Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 22Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 23Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 24Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
16QAM Residual EVM (typical) for
MSO/DPO5000 series 12
Symbol Rate
RF
IQ
10 MS/s
1.5%
1.0%
100 MS/s
4.0%
2.0%
OFDM residual EVM, 802.11g
Signal at 2.4 GHz, input level
optimized for best performance
DPO7000 Series
–33 dB
DPO/DSA/MSO70000 Series
–38 dB
QPSK Residual EVM (typical) for
MDO4000B RF Input 13
Single Carrier, measured at 1GHz
0.1 MSymbols/sec rate
0.26%
10 MSymbols/sec rate
0.28 %
100 MSymbols/sec rate
1.0 %
312.5 MSymbols/sec rate
3.0 %
WLAN IEEE802.11a/b/g/j/p (SV23)
General characteristics
Modulation formats
DBPSK (DSSS1M), DQPSK (DSSS2M), CCK5.5M, CCK11M , OFDM (BPSK, QPSK, 16 or 64QAM)
Measurements and displays
Burst Index, Burst Power, Peak to Average Burst Power, IQ Origin Offset, Frequency Error, Common Pilot Error, Symbol Clock
Error
RMS and Peak EVM for Pilots/Data, Peak EVM located per Symbol and Subcarrier
Packet Header Format Information
Average Power and RMS EVM per section of the header
WLAN Power vs Time, WLAN Symbol Table, WLAN Constellation
Spectrum Emission Mask 14, Spurious
Error Vector Magnitude (EVM) vs Symbol (or Time), vs Subcarrier (or Frequency)
Mag Error vs Symbol (or Time), vs Subcarrier (or Frequency)
Phase Error vs Symbol (or Time), vs Subcarrier (or Frequency)
WLAN Channel Frequency Response vs Symbol (or Time), vs Subcarrier (or Frequency)
WLAN Spectral Flatness vs Symbol (or Time), vs Subcarrier (or Frequency)
Typical residual EVM - 802.11b
(CCK-11Mbps) with
MDO4000B 15
RMS-EVM over 1000 chips, EQ On
1.04% (2.4 GHz)
Typical residual EVM -
802.11a/g/j (OFDM, 20 MHz, 64-
QAM), with MDO4000B 15
-44 dB (2.4 GHz)
–43 dB (5.8 GHz)
(RMS-EVM averaged over 20 bursts, 16 symbols each)
12
Carrier frequency 700 MHz. MSO/DPO5054 and MSO/DPO5034 performance not listed. Use of external reference will degrade EVM performance.
13
Measurement filter = root raised cosine, reference filter = raised cosine, analysis Length = 400 symbols, 20 averages
14
SEM is specified with noise reduction and at least 30 averages for 802.11a/n/ac signals in 5 GHz band. Residual noise performance of the MDO4000B may exceed SEM mask at frequency above 5.85 GHz
15
Signal input power optimized for best EVM
SignalVu-PC-SVE Vector Signal Analysis Software
Digital modulation analysis (SVM)
20 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com