Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X25057 Datasheet(PDF) 1 Page - IC MICROSYSTEMS

Part # X25057
Description  5MHz Low Power SPI Serial E2PROM with IDLock??Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25057 Datasheet(HTML) 1 Page - IC MICROSYSTEMS

  X25057 Datasheet HTML 1Page - IC MICROSYSTEMS X25057 Datasheet HTML 2Page - IC MICROSYSTEMS X25057 Datasheet HTML 3Page - IC MICROSYSTEMS X25057 Datasheet HTML 4Page - IC MICROSYSTEMS X25057 Datasheet HTML 5Page - IC MICROSYSTEMS X25057 Datasheet HTML 6Page - IC MICROSYSTEMS X25057 Datasheet HTML 7Page - IC MICROSYSTEMS X25057 Datasheet HTML 8Page - IC MICROSYSTEMS X25057 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©
Xicor, Inc. 1994 – 1997 Patents
Pending 7033-1.1 5/8/97 T1/C0/D0 SH
1
Characteristics subject to change without notice
4K
X25057
512 x 8 Bit
5MHz Low Power SPI Serial E
2PROM with IDLock™ Memory
FEATURES
•5MHz Clock Rate
•IDLock™ Memory
—IDLock First or Last Page, Any 1/4 or Lower 1/2 of
E
2PROM Array
•Low Power CMOS
—<1∝A Standby Current
—<3mA Active Current during Write —
<400∝A Active Current during Read
•1.8V to 3.6V, 2.7V-5.5V or 4.5V to 5.5V Operation
•Built-in Inadvertent Write Protection
—Power-Up/Power-Down Protection Circuitry —
Write Enable Latch
—Write Protect Pin
•SPI Modes (0,0 & 1,1)
•512 x 8 Bits
—16 Byte Page Mode
•Self-Timed Write Cycle
—5ms Write Cycle Time (Typical)
•High Reliability
—Endurance: 100,000 Cycles/Byte
—Data Retention: 100 Years
—ESD: 2000V on all pins
•8-Lead MSOP Package •8-
Lead TSSOP Package
•8-Lead SOIC Package
•8-Lead PDIP Package
DESCRIPTION
The X25057 is a CMOS 4K-bit serial E
2PROM, internally
organized as 512 x 8. The X25057 features a Serial
Peripheral Interface (SPI) and software protocol allowing
operation on a simple four-wire bus. The bus
signals are a clock input (SCK) plus separate data in (SI)
and data out (SO) lines. Access to the device is
controlled through a chip select (CS) input, allowing any
number of devices to share the same bus.
IDLock is a programmable locking mechanism which
allows the user to lock system ID and parametric data in
different portions of the E
2PROM memory space, ranging
from as little as one page to as much as 1/2 of
the total array. The X25057 also features a WP pin that can
be used for hardwire protection of the part, disabling
all write attempts, as well as a Write Enable Latch that
must be set before a write operation can be initiated.
The X25057 utilizes Xicor’s proprietary Direct Write
TM cell,
providing a minimum endurance of 100,000 cycles
per byte and a minimum data retention of 100 years.
FUNCTIONAL DIAGRAM
COMMAND
DECODE
AND
CONTROL
LOGIC
WRITE CONTROL LOGIC
DATA REGISTER
Y DECODE LOGIC
X
DECODE
LOGIC
HIGH VOLTAGE
CONTROL
4K E
2
PROM
ARRAY
(512 x 8)
SO
SI
SCK
CS
WP
8
16
32
7033 FRM F01
This X25057 device has been acquired by
IC MICROSYSTEMS from Xicor, Inc.
ICmic
IC MICROSYSTEMS
TM


Similar Part No. - X25057

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25057 XICOR-X25057 Datasheet
74Kb / 16P
5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory
X25057M XICOR-X25057M Datasheet
74Kb / 16P
5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory
X25057M-1.8 XICOR-X25057M-1.8 Datasheet
74Kb / 16P
5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory
X25057M-2.7 XICOR-X25057M-2.7 Datasheet
74Kb / 16P
5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory
X25057MI XICOR-X25057MI Datasheet
74Kb / 16P
5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory
More results

Similar Description - X25057

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25057 XICOR-X25057 Datasheet
74Kb / 16P
5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory
X25097 XICOR-X25097 Datasheet
71Kb / 15P
5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
X25138 XICOR-X25138 Datasheet
88Kb / 18P
5MHz SPI Serial E2PROM with Block Lock PROTECTION
logo
IC MICROSYSTEMS
X25097 ICMIC-X25097 Datasheet
123Kb / 15P
5MHz Low Power SPI Serial E2PROM with IDLockTM Memory
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
5MHz SPI Serial E2PROM with Block Lock Protection
logo
ABLIC Inc.
S-25C010A ABLIC-S-25C010A Datasheet
703Kb / 48P
SPI SERIAL E2PROM
Rev.4.3_02_C
S-25CM01A ABLIC-S-25CM01A Datasheet
397Kb / 28P
SPI SERIAL E2PROM
Rev.2.2_03_S
S-25C320A ABLIC-S-25C320A Datasheet
588Kb / 39P
SPI SERIAL E2PROM
Rev.4.2_03_H
S-25C256A ABLIC-S-25C256A Datasheet
449Kb / 31P
SPI SERIAL E2PROM
Rev.2.2_03_S
S-25C128A ABLIC-S-25C128A Datasheet
448Kb / 31P
SPI SERIAL E2PROM
Rev.4.2_03_H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com