Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLAH90 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SPLAH90
Description  Nanostack Pulsed Laser Diode Array 75 W Peak Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLAH90 Datasheet(HTML) 3 Page - OSRAM GmbH

  SPLAH90_3 Datasheet HTML 1Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 2Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 3Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 4Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 5Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 6Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 7Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SPL AH90_3
2007-04-19
3
Optische Kennwerte (
T
A = 25 °C)
Optical Characteristics
Parameter
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
min.
typ.
max.
Zentrale Emissionswellenlänge
1)
Emission wavelength
1)
λ
peak
895
905
915
nm
Spektralbreite (Halbwertsbreite)
1)
Spectral width (FWHM)
1)
Δλ
7
9
nm
Spitzenausgangsleistung
1)
Peak output power
1)
P
op
66
75
85
W
Kennliniensteigung im Bereich 25...35 A
Slope of LI-curve in the range 25...35 A
ΔP/ΔI
1.6
2.0
2.4
W/A
Betriebsspannung
1)
Operating voltage
1)
V
op
7
9
12
V
Anstiegs- und Abfallzeit (10%…90%)
Rise and fall time (10% … 90%)
(electrical pulse: I=30A,
t
r, tf = 0.8 ns)
t
r, tf
3
ns
Anzahl Kanäle
Number of channels
N
12
Austrittsöffnung pro Kanal
Aperture size for each channel
w × h
200
× 10 –
μm
Kanalabstand
Gap between channels
d
60
µm
Strahldivergenz (Halbwertsbreite) parallel zum
pn-Übergang
Beam divergence (FWHM) parallel to
pn-junction
θ
||
8
11
14
Grad
deg.
Strahldivergenz (Halbwertsbreite) senkrecht
zum pn-Übergang
Beam divergence (FWHM) perpendicular to
pn-junction
θ
20
25
30
Grad
deg.
Temperaturkoeffizient der Wellenlänge
Temperature coefficient of wavelength
∂λ / ∂T
0.28
0.31
nm/K
Temperaturkoeffizient der opt.
Ausgangsleistung (25...105°C)
Temperature coefficient of optical power
(25...105°C)
ΔW/ΔT
-0.27
-0.32
W/K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com