Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLAH90 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SPLAH90
Description  Nanostack Pulsed Laser Diode Array 75 W Peak Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLAH90 Datasheet(HTML) 5 Page - OSRAM GmbH

  SPLAH90_3 Datasheet HTML 1Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 2Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 3Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 4Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 5Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 6Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 7Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SPL AH90_3
2007-04-19
5
Optical output power
P
opt vs. forward current IF
for all 12 channels (
T
A = 25 °C)
Optical spectrum, relative intensity
I
rel
vs.
wavelength
λ (T
A = 25 °C, Popt = 75 W)
Chip temperature increase vs. heating voltage
V
heat
Shift of peak wavelength vs. heating voltage
V
heat
0
20
40
60
80
100
0
10
2030
4050
laser forward current, A
880
0
λ
OHF00565
0.25
0.50
0.75
1.00
Ι
rel
nm
890
900
910
930
0
20
40
60
80
100
120
140
024
6
8
10
heating voltage Vheat, V
0
5
10
15
20
25
024
68
heating voltage Vheat, V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com