Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLAH90 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SPLAH90
Description  Nanostack Pulsed Laser Diode Array 75 W Peak Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLAH90 Datasheet(HTML) 6 Page - OSRAM GmbH

  SPLAH90_3 Datasheet HTML 1Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 2Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 3Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 4Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 5Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 6Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 7Page - OSRAM GmbH SPLAH90_3 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2007-04-19
6
SPL AH90_3
Maßzeichnung
Package Outlines
Maße in mm (inch) / Dimensions in mm (inch).
GDOY7045
Solder
pads
25 (0.984)
Optical axis
1 3 5 7 9 11 13 15 17 19 21 23
11 x 1.5 (0.059)
8.25 (0.325)
0.75 (0.030)
22 (0.866)
22
16
20 18
14 12
6
8
10
2
4
10 x 1.5 (0.059)
7.5 (0.295)
Glass
window
Optical axis
0.33 (0.013)
ø1.73 (0.068)
4.1 (0.161)
Optical axis
Top view
12 Solder pads
19.06 (0.750)
11 Solder pads
Bottom view
1
3
9
11
7 5
13
23 21
17
19
15
2
4
6
8
10
12
14
16
18
20
22



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com