Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F570-I/SP Datasheet(PDF) 42 Page - Microchip Technology

Part # PIC16F570-I/SP
Description  28-Pin, 8-Bit Flash Microcontroller
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570-I/SP Datasheet(HTML) 42 Page - Microchip Technology

Back Button PIC16F570-I/SP Datasheet HTML 38Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 39Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 40Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 41Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 42Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 43Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 44Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 45Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 129 page
background image
PIC16F570
DS40001684E-page 42
 2013-2014 Microchip Technology Inc.
8.4
Reset
The device differentiates between various kinds of
Reset:
• Power-on Reset (POR)
• Brown-out Reset (BOR)
•MCLR Reset during normal operation
•MCLR Reset during Sleep
• WDT Time-out Reset during normal operation
• WDT Time-out Reset during Sleep
• Wake-up from Sleep on pin change
Some registers are not reset in any way, they are
unknown on POR/BOR and unchanged in any other
Reset. Most other registers are reset to “Reset state”
on Power-on Reset (POR)/Brown-out Reset (BOR),
MCLR, WDT or Wake-up on pin change Reset during
normal operation. They are not affected by a WDT
Reset during Sleep or MCLR Reset during Sleep, since
these Resets are viewed as resumption of normal oper-
ation. The exceptions to this are the TO and PD bits.
They are set or cleared differently in different Reset sit-
uations. These bits are used in software to determine
the nature of Reset. See Table 4-1 for a full description
of Reset states of all registers.
TABLE 8-3:
RESET CONDITION FOR SPECIAL REGISTERS
STATUS Addr: 03h
Power-on Reset (POR) or Brown-out Reset (BOR)
0001 1xxx
MCLR Reset during normal operation
000u uuuu
MCLR Reset during Sleep
0001 0uuu
WDT Reset during Sleep
0000 0uuu
WDT Reset normal operation
0000 uuuu
Wake-up from Sleep on pin change
1001 0uuu
Wake-up from Sleep on comparator change
0101 0uuu
Legend: u = unchanged, x = unknown, – = unimplemented bit, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com