Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F570-I/SP Datasheet(PDF) 84 Page - Microchip Technology

Part # PIC16F570-I/SP
Description  28-Pin, 8-Bit Flash Microcontroller
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570-I/SP Datasheet(HTML) 84 Page - Microchip Technology

Back Button PIC16F570-I/SP Datasheet HTML 80Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 81Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 82Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 83Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 84Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 85Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 86Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 87Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 129 page
background image
PIC16F570
DS40001684E-page 84
 2013-2014 Microchip Technology Inc.
TABLE 15-1:
DC CHARACTERISTICS: PIC16F570 (INDUSTRIAL, EXTENDED)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating temperature
-40°C
 TA  +85°C (industrial)
-40°C
 TA  +125°C (extended)
Operating voltage VDD range is described in Section 15.1 “DC Charac-
teristics: PIC16F570 (Industrial)”.
Param.
No.
Sym.
Characteristic
Min.
Typ.†
Max.
Units
Conditions
VIL
Input Low Voltage
I/O ports
D030
with TTL buffer
Vss
—
0.8V
V
For all 4.5
 VDD 5.5V
D030A
Vss
—
0.15VDD
V
Otherwise
D031
with Schmitt Trigger buffer
Vss
—
0.15VDD
V
D032
MCLR, T0CKI
Vss
—
0.15VDD
V
D033
OSC1 (EXTRC mode), (EC mode)
Vss
—
0.15VDD
V
(Note 1)
D033
OSC1 (HS mode)
Vss
—
0.3VDD
V
D033
OSC1 (XT and LP modes)
Vss
—
0.3
V
VIH
Input High Voltage
I/O ports
—
D040
with TTL buffer
2.0
—
VDD
V4.5
 VDD 5.5V
D040A
0.25VDD
+ 0.8VDD
—VDD
V
Otherwise
D041
with Schmitt Trigger buffer
0.85VDD
—VDD
V
For entire VDD range
D042
MCLR, T0CKI
0.85VDD
—VDD
V
D042A
OSC1 (EXTRC mode), (EC mode)
0.85VDD
—VDD
V
(Note 1)
D042A
OSC1 (HS mode)
0.7VDD
—VDD
V
D043
OSC1 (XT and LP modes)
1.6
—
VDD
V
D070
IPUR
PORTB and MCLR weak pull-up
current(4)
50
250
400
AVDD = 5V, VPIN = VSS
IIL
Input Leakage Current(2,3)
D060
I/O ports
—
—
±1
AVss VPIN VDD,
Pin at high-impedance
D061
MCLR
—±0.7
±5
AVss VPIN VDD
D063
OSC1
—
—
±5
AVss VPIN VDD,
XT, HS and LP osc configuration
VOL
Output Low Voltage
D080
I/O ports/CLKOUT
—
—
0.6
V
IOL = 8.5 mA, VDD = 4.5V,
-40
C to +85C
D080A
—
—
0.6
V
IOL = 7.0 mA, VDD = 4.5V,
-40
C to +125C
D083
OSC2
—
—
0.6
V
IOL = 1.6 mA, VDD = 4.5V,
-40
C to +85C
D083A
—
—
0.6
V
IOL = 1.2 mA, VDD = 4.5V,
-40
C to +125C
†
Data in “Typ.” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1: In EXTRC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the
PIC16F570 be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent
normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as coming out of the pin.
4: This spec applies to all weak pull-up devices, including the weak pull-up found on MCLR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com