Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F570-I/SP Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC16F570-I/SP
Description  28-Pin, 8-Bit Flash Microcontroller
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570-I/SP Datasheet(HTML) 5 Page - Microchip Technology

  PIC16F570-I/SP Datasheet HTML 1Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 2Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 3Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 4Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 5Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 6Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 7Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 8Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 129 page
background image
 2013-2014 Microchip Technology Inc.
DS40001684E-page 5
PIC16F570
1.0
GENERAL DESCRIPTION
The PIC16F570 device from Microchip Technology is a
low-cost, high-performance, 8-bit, fully-static, Flash-
based CMOS microcontroller. It employs a RISC
architecture with only 36 single-word/single-cycle
instructions. All instructions are single cycle except for
program branches, which take two cycles. The
PIC16F570 device delivers performance an order of
magnitude higher than its competitors in the same price
category. The 12-bit wide instructions are highly
symmetrical,
resulting
in
a
typical
2:1
code
compression over other 8-bit microcontrollers in its
class. The easy-to-use and easy to remember
instruction set reduces development time significantly.
The PIC16F570 product is equipped with special
features that reduce system cost and power
requirements. The Power-on Reset (POR), Brown-out
Reset (BOR) and Device Reset Timer (DRT) eliminate
the need for external Reset circuitry. There are several
oscillator configurations to choose from, including
INTRC Internal Oscillator mode and the power-saving
LP (Low-Power) Oscillator mode. Power-Saving Sleep
mode, Watchdog Timer and code protection features
improve system cost, power and reliability.
The PIC16F570 device is available in the cost-effective
Flash programmable version, which is suitable for
production in any volume. The customer can take full
advantage of Microchip’s price leadership in Flash
programmable microcontrollers, while benefiting from
the Flash programmable flexibility.
The PIC16F570 product is supported by a full-featured
macro assembler, a software simulator, an in-circuit
emulator, a ‘C’ compiler, a low-cost development
programmer and a full-featured programmer. All the
tools are supported on IBM® PC and compatible
machines.
1.1
Applications
The PIC16F570 device fits in applications ranging from
personal care appliances and security systems to low-
power remote transmitters/receivers. The Flash
technology makes customizing application programs
(transmitter codes,
appliance settings,
receiver
frequencies, etc.) extremely fast and convenient. The
small footprint packages, for through hole or surface
mounting, make these microcontrollers perfect for
applications with space limitations. Low cost, low
power, high performance, ease of use and I/O flexibility
make the PIC16F570 device very versatile, even in
areas where no microcontroller use has been
considered before (e.g., timer functions, logic and
PLDs
in
larger
systems
and
co-processor
applications).
TABLE 1-1:
FEATURES AND MEMORY OF PIC16F570
PIC16F570
Clock
Maximum Frequency of Operation (MHz)
20
Memory
Flash Program Memory
2048
SRAM Data Memory (bytes)
132
Flash Data Memory (bytes)
64
Peripherals
Timer Module(s)
TMR0
Wake-up from Sleep on Pin Change
Yes
Features
I/O Pins
24
Input Pins
1
Internal Pull-ups
Yes
In-Circuit Serial ProgrammingTM
Yes
Number of Instructions
36
Packages
28-pin SPDIP, SOIC, SSOP, QFN, UQFN
Interrupts
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com