Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F570-I/SP Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC16F570-I/SP
Description  28-Pin, 8-Bit Flash Microcontroller
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570-I/SP Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC16F570-I/SP Datasheet HTML 51Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 52Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 53Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 54Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 55Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 56Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 57Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 58Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 129 page
background image
 2013-2014 Microchip Technology Inc.
DS40001684E-page 55
PIC16F570
EQUATION 9-1:
ACQUISITION TIME EXAMPLE
FIGURE 9-1:
ANALOG INPUT MODULE
Note 1: The charge holding capacitor (CHOLD) is
not discharged after each conversion.
2: The maximum recommended impedance
for analog sources is 10 k
. This is
required to meet the pin leakage
specification.
Assumptions:
Temperature = 50°C and external impedance of 10 k
 5.0V VDD
Tacq
= Amplifier Settling Time + Hold Capacitor Charging Time + Temperature Coefficient
=TAMP + TC + TCOFF
=2
s + TC + [(Temperature - 25°C)(0.05 s/°C)]
Solving for Tc:
Tc
= CHOLD (RIC + RSS + RS) In(1/512)
= -25pF (l k
 + 7 k + 10 k ) In(0.00196)
=2.81
s
Therefore:
Tacq
= 2
s + 2.81 s + [(50°C-25°C)(0.0 5s/°C)]
=6.06
s
CPIN
VA
Rs
ANx
5 pF
VDD
VT = 0.6V
VT = 0.6V
I LEAKAGE
RIC
 1k
Sampling
Switch
SS Rss
CHOLD = 25 pF
VSS/VREF-
6V
Sampling Switch
5V
4V
3V
2V
567 8 9 10 11
(k
)
VDD
± 500 nA
RSS
Legend:
CPIN
= Input Capacitance
VT
= Threshold Voltage
ILEAKAGE
= Leakage current at the pin due
to various junctions
RIC
= Interconnect Resistance
SS
= Sampling Switch
CHOLD
= Sample/Hold Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com