Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 214 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 214 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 210Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 211Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 212Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 213Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 214Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 215Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 216Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 217Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 218Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 412 page
background image
PIC24FJ256GA705 FAMILY
DS30010118B-page 214
 2016 Microchip Technology Inc.
REGISTER 17-9:
SPIxIMSKL: SPIx INTERRUPT MASK REGISTER LOW
U-0
U-0
U-0
R/W-0
R/W-0
U-0
U-0
R/W-0
—
—
—
FRMERREN
BUSYEN
—
—
SPITUREN
bit 15
bit 8
R/W-0
R/W-0
R/W-0
U-0
R/W-0
U-0
R/W-0
R/W-0
SRMTEN
SPIROVEN
SPIRBEN
—
SPITBEN
—
SPITBFEN
SPIRBFEN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
Unimplemented:
Read as ‘0’
bit 12
FRMERREN:
Enable Interrupt Events via FRMERR bit
1
= Frame error generates an interrupt event
0
= Frame error does not generate an interrupt event
bit 11
BUSYEN:
Enable Interrupt Events via SPIBUSY bit
1
= SPIBUSY generates an interrupt event
0
= SPIBUSY does not generate an interrupt event
bit 10-9
Unimplemented:
Read as ‘0’
bit 8
SPITUREN:
Enable Interrupt Events via SPITUR bit
1
= Transmit Underrun (TUR) generates an interrupt event
0
= Transmit Underrun does not generate an interrupt event
bit 7
SRMTEN:
Enable Interrupt Events via SRMT bit
1
= Shift Register Empty (SRMT) generates interrupt events
0
= Shift Register Empty does not generate interrupt events
bit 6
SPIROVEN:
Enable Interrupt Events via SPIROV bit
1
= SPIx Receive Overflow generates an interrupt event
0
= SPIx Receive Overflow does not generate an interrupt event
bit 5
SPIRBEN:
Enable Interrupt Events via SPIRBE bit
1
= SPIx Receive Buffer Empty generates an interrupt event
0
= SPIx Receive Buffer Empty does not generate an interrupt event
bit 4
Unimplemented:
Read as ‘0’
bit 3
SPITBEN:
Enable Interrupt Events via SPITBE bit
1
= SPIx Transmit Buffer Empty generates an interrupt event
0
= SPIx Transmit Buffer Empty does not generate an interrupt event
bit 2
Unimplemented:
Read as ‘0’
bit 1
SPITBFEN:
Enable Interrupt Events via SPITBF bit
1
= SPIx Transmit Buffer Full generates an interrupt event
0
= SPIx Transmit Buffer Full does not generate an interrupt event
bit 0
SPIRBFEN:
Enable Interrupt Events via SPIRBF bit
1
= SPIx Receive Buffer Full generates an interrupt event
0
= SPIx Receive Buffer Full does not generate an interrupt event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com