Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 218 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 218 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 214Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 215Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 216Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 217Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 218Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 219Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 220Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 221Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 222Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 412 page
background image
PIC24FJ256GA705 FAMILY
DS30010118B-page 218
 2016 Microchip Technology Inc.
FIGURE 17-3:
SPIx MASTER/SLAVE CONNECTION (ENHANCED BUFFER MODES)
Serial Transmit FIFO
(SPIxTXB)(2)
Shift Register
(SPIxTXSR)
LSb
MSb
SDIx
SDOx
Processor 2 (SPIx Slave)
SCKx
SSx(1)
Serial Receive FIFO
(SPIxRXB)(2)
Serial Receive FIFO
(SPIxRXB)(2)
Shift Register
(SPIxRXSR)
MSb
LSb
SDOx
SDIx
Processor 1 (SPIx Master)
Serial Clock
MSSEN (SPIxCON1H<4>) = 1 and MSTEN (SPIxCON1L<5>) = 0
SCKx
Serial Transmit FIFO
(SPIxTXB)(2)
MSTEN (SPIxCON1L<5>) = 1
SPIx Buffer
(SPIxBUF)
SPIx Buffer
(SPIxBUF)
Shift Register
(SPIxTXSR)
Shift Register
(SPIxRXSR)
MSb
LSb
LSb
MSb
SDOx
SDIx
Note 1:
Using the SSx pin in Slave mode of operation is optional.
2:
User must write transmit data to read the received data from SPIxBUF. The SPIxTXB and SPIxRXB registers
are memory-mapped to SPIxBUF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com