Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 381 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 381 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 377Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 378Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 379Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 380Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 381Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 382Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 383Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 384Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 385Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 412 page
background image
 2016 Microchip Technology Inc.
DS30010118B-page 381
PIC24FJ256GA705 FAMILY
Microchip Technology Drawing C04-333-M6 Rev A Sheet 2 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Number of Pins
Overall Height
Terminal Width
Overall Width
Overall Length
Terminal Length
Exposed Pad Width
Exposed Pad Length
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
D
E2
D2
A3
e
L
E
N
0.40 BSC
0.152 REF
1.80
1.80
0.30
-
0.00
4.00 BSC
0.45
1.90
1.90
-
0.02
4.00 BSC
MILLIMETERS
MIN
NOM
28
2.00
2.00
0.50
0.60
0.05
MAX
K0.60
--
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Terminal-to-Exposed-Pad
28-Lead Ultra Thin Plastic Quad Flat, No Lead Package (M6) - 4x4x0.6 mm Body [UQFN]
Corner Anchor Pad
b1
0.15
0.20
0.25
With Corner Anchors
Corner Pad, Metal Free Zone
b2
0.40
0.45
0.50
0.18
0.23
0.28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com