Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 382 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 382 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 378Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 379Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 380Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 381Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 382Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 383Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 384Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 385Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 386Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 412 page
background image
PIC24FJ256GA705 FAMILY
DS30010118B-page 382
 2016 Microchip Technology Inc.
RECOMMENDED LAND PATTERN
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Dimension Limits
Units
C2
Center Pad Width
Contact Pad Spacing
Center Pad Length
Contact Pitch
Y2
X2
2.00
2.00
MILLIMETERS
0.40 BSC
MIN
E
MAX
Contact Pad Length (X28)
Contact Pad Width (X28)
Y1
X1
0.85
0.20
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1. Dimensioning and tolerancing per ASME Y14.5M
Microchip Technology Drawing C04-2333-M6 Rev B
NOM
28-Lead Ultra Thin Plastic Quad Flat, No Lead Package (M6) - 4x4x0.6 mm Body [UQFN]
SILK SCREEN
1
2
28
C1
C2
E
X1
Y1
Y2
X2
C1
Contact Pad Spacing
3.90
Contact Pad to Center Pad (X28)
G1
0.52
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.30
1.00
ØV
EV
EV
G3
G1
X3
Y3
Corner Anchor Length (X4)
Corner Anchor Width (X4)
Y3
X3
0.78
0.78
3.90
With Corner Anchors
Contact Pad to Pad (X24)
G2
0.20
G2
Contact Pad to Corner Pad (X8)
G3
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com